công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPA4860 bảng dữ liệu(PDF) 19 Page - Texas Instruments

tên linh kiện TPA4860
Giải thích chi tiết về linh kiện  1-W MONO AUDIO POWER AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TPA4860 bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button TPA4860_15 Datasheet HTML 15Page - Texas Instruments TPA4860_15 Datasheet HTML 16Page - Texas Instruments TPA4860_15 Datasheet HTML 17Page - Texas Instruments TPA4860_15 Datasheet HTML 18Page - Texas Instruments TPA4860_15 Datasheet HTML 19Page - Texas Instruments TPA4860_15 Datasheet HTML 20Page - Texas Instruments TPA4860_15 Datasheet HTML 21Page - Texas Instruments TPA4860_15 Datasheet HTML 22Page - Texas Instruments TPA4860_15 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
www.ti.com
SINGLE-ENDED OPERATION
Audio
Input
VDD = 5 V
250-mW
External
Speaker
12
10
15
VO1
VO2
VDD
5
14
13
11
GAIN
IN +
IN −
BYPASS
VDD/2
CI
RI
RF
CSE = 0.1 µF
RSE = 50 Ω
CC
CB
CS
Gain + *
R
F
R
I
(11)
1
C
B
25 k
Ω
v
1
C
I RI
1
R
LCC
(12)
OUTPUT COUPLING CAPACITOR, CC
f
c high +
1
2p R
L CC
(13)
TPA4860
SLOS164B – SEPTEMBER 1996 – REVISED JUNE 2004
Figure 38 is a schematic diagram of the recommended SE configuration. In SE mode configurations, the load
should be driven from the primary amplifier output (VO1, terminal 10).
Figure 38. Singled-Ended Mode
Gain is set by the RF and RI resistors and is shown in Equation 11. Because the inverting amplifier is not used to
mirror the voltage swing on the load, the factor of 2 is not included.
The phase margin of the inverting amplifier into an open circuit is not adequate to ensure stability, so a
termination load should be connected to VO2. This consists of a 50-Ω resistor in series with a 0.1-µF capacitor to
ground. It is important to avoid oscillation of the inverting output to minimize noise and power dissipation.
The output coupling capacitor required in single-supply SE mode also places additional constraints on the
selection of other components in the amplifier circuit. The rules described earlier still hold with the addition of the
following relationship:
In the typical single-supply SE configuration, an output coupling capacitor (CC) is required to block the dc bias at
the output of the amplifier, thus preventing dc currents in the load. As with the input coupling capacitor, the
output coupling capacitor and impedance of the load form a high-pass filter governed by Equation 13.
The main disadvantage, from a performance standpoint, is that the load impedances are typically small, which
drives the low-frequency corner higher. Large values of CC are required to pass low frequencies into the load.
Consider the example where a CC of 68 µF is chosen and loads vary from 8 Ω, 32 Ω, to 47 kΩ. Table 2
summarizes the frequency response characteristics of each configuration.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com