| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35072 bảng dữ liệu(PDF) 38 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35072 bảng dữ liệu(HTML) 38 Page - Mitsubishi Electric Semiconductor |
|
38 / 52 page ![]() MITSUBISHI MICROCOMPUTERS M35072-XXXFP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 38 Data : Supervisor signature Section head signature Mask ROM number Company name Framing Date : TEL () Approval Verification Note : Please fill in all items marked g, . g Remarks q Return the Character Font Preparation Program after use. q Three EPROMs are required. Specify the type of EPROMs submitted. (All the three EPROMs must be same types. Check in the appropriate box.) 27512 (1) The font data prepared by the Character Font Preparation Program is saved as a binary type object file (addresses 0000h to FFFFh) and a hex type object file . Three sets of these EPROMs are required. (2) Attach the erase protect seals on three EPROMs. Each seal bears the type name (M35072), and ROM No. (–...FP). q Write the checksum code (hexadecimal notation) for entire EPROM areas. Checksum q Select the marking type (Check in the appropriate box). Special Mark ....... Fill in the 20P2Q-A Mark Specification Form and attach to the Mask ROM Order Confir- mation Form. Standard Mark ....... No writing is required. q The package type ....... SSOP type(M35072-XXXFP) gq Comments Customer Data issued MASK ROM ORDER CONFIRMATION FORM GZZ-SH00-72B<77A0> MASK ROM ORDER CONFIRMATION FORM SCREEN DISPLAY IC M35072-XXXFP MITSUBISHI ELECTRIC Program version name M072R .V |