công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPSA92MG-T92-R bảng dữ liệu(PDF) 2 Page - Unisonic Technologies

tên linh kiện MPSA92MG-T92-R
Giải thích chi tiết về linh kiện  HIGH VOLTAGE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA92MG-T92-R bảng dữ liệu(HTML) 2 Page - Unisonic Technologies

  MPSA92MG-T92-R Datasheet HTML 1Page - Unisonic Technologies MPSA92MG-T92-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPSA92M
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R201-020.Ba
ABSOLUTE MAXIMUM RATINGS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-300
V
Collector-Emitter Voltage
VCEO
-300
V
Emitter-Base Voltage
VEBO
-6
V
Collector Dissipation (TA=25°C)
PC
625
mW
Collector Current
IC
-800
mA
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-100μA, IE=0
-300
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=-1mA, IB=0
-300
V
Collector-Emitter Breakdown Voltage
BVCES
IC=-100μA, VBE=0
-300
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-100μA, IC=0
-5
V
Collector Cut-Off Current
ICBO
VCB=-300V, IE=0
-100
nA
Collector Cut-Off Current
ICES
VCB=-300V, VBE=0
-1
μA
Emitter Cut-Off Current
IEBO
VEB=-4V, IC=0
100
nA
VCE=-10V, IC=-1mA
60
VCE=-10V, IC=-10mA
80
300
VCE=-10V, IC=-100mA
80
DC Current Gain (Note 1)
hFE
VCE=-10V, IC=-200mA
40
IC=-30mA, IB=-1mA
-0.20
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-100mA, IB=-10mA
-0.7
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=-10mA, IB=-1mA
-0.75
V
Output Capacitance
COB
VCB=-20V, IE=0, f=1MHz
8
pF
Note: 1. Pulse test: PW<300μs, Duty Cycle<2%
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com