| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM49352RL/NOPB bảng dữ liệu(PDF) 77 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM49352RL/NOPB bảng dữ liệu(HTML) 77 Page - Texas Instruments |
|
77 / 106 page ![]() LM49352 www.ti.com SNAS467E – MARCH 2009 – REVISED MARCH 2013 Table 61. SOFTCLIP1 (0x90h) (continued) Bits Field Description 4 SOFT_KNEE If set, the audio compressor will automatically apply higher compression ratios to audio signals higher than the threshold level. As the audio signal approaches levels higher than the threshold, SOFT_KNEE will increase the compression RATIO. The highest compression that the SOFT_KNEE algorithm will apply is the compression that is set by RATIO. Table 62. SOFTCLIP2 (0x91h) Bits Field Description 4:0 RATIO This sets the ratio at which the audio is compressed to when it passes beyond the threshold. In SOFT_KNEE mode this is the final level of compression. RATIO Ratio 00000 1:1 (Bypass) 00001 1:1.2 00010 1:1.4 00011 1:1.7 00100 1:2.0 00101 1:2.4 00110 1:2.8 00111 1:3.4 01000 1:4.0 01001 1:4.7 01010 1:5.7 01011 1:6.7 01100 1:8.0 01101 1:9.5 01110 1:11.3 01111 1:13.5 10000 1:16.0 10001 1:19.0 10010 1:22.8 10011 1:27.0 10100 1:32.0 10101 1:37.9 10110 1:45.5 10111 1:53.9 11000 1:64.0 11001 1:75.0 11010 1:91.0 11011 1:108 11100 1:128 11101 1:152 11110 1:182 11111 1:215 Copyright © 2009–2013, Texas Instruments Incorporated Submit Documentation Feedback 77 Product Folder Links: LM49352 |