| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SY100S355FC bảng dữ liệu(PDF) 5 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
SY100S355FC bảng dữ liệu(HTML) 5 Page - Micrel Semiconductor |
|
5 / 7 page ![]() 5 SY100S355 Micrel TIMING DIAGRAMS Data Set-up and Hold Times NOTES: 1. VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND 2. ts is the minimum time before the transition of the clock that information must be present at the data input. 3. tH is the minimum time after the transition of the clock that information must remain unchanged at the data input. PRODUCT ORDERING CODE Ordering Package Operating Code Type Range SY100S355FC F24-1 Commercial SY100S355JC J28-1 Commercial SY100S355JCTR J28-1 Commercial DATA 50% –1.69V S0, S1 tS tH –0.95V –1.69 –0.95V 50% –1.69V E1, E2 –0.95V 50% tS tH |