| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MJE13005L-X-TN3-R bảng dữ liệu(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MJE13005L-X-TN3-R bảng dữ liệu(HTML) 4 Page - Unisonic Technologies |
|
4 / 10 page ![]() MJE13005 NPN SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 4 of 10 www.unisonic.com.tw QW-R203-018. O ELECTRICAL CHARACTERISTICS (TC=25°С, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT OFF CHARACTERISTICS (Note 1) Collector-Emitter Sustaining Voltage VCEO(SUS) IC=10mA , IB=0 400 V Collector Cutoff Current ICBO VCBO=Rated Value, VBE(OFF)=1.5V 1 mA VCBO=Rated Value, VBE(OFF)=1.5V, TC=100°С 5 Emitter Cutoff Current IEBO VEB=9V, IC=0 1 mA SECOND BREAKDOWN Second Breakdown Collector Current with bass forward biased IS/B See Fig. 11 Clamped Inductive SOA with Base Reverse Biased RBSOA See Fig. 12 ON CHARACTERISTICS (Note 1) DC Current Gain hFE1 IC=0.5A, VCE=5V 15 50 hFE2 IC=1A, VCE=5V 10 60 hFE3 IC=2A, VCE=5V 8 40 Collector-Emitter Saturation Voltage VCE(SAT) IC=1A, IB=0.2A 0.5 V IC=2A, IB=0.5A 0.6 V IC=4A, IB=1A 1 V IC=2A, IB=0.5A, Ta=100°С 1 V Base-Emitter Saturation Voltage VBE (SAT) IC=1A, IB=0.2A 1.2 V IC=2A, IB=0.5A 1.6 V IC=2A, IB=0.5A, TC=100°С 1.5 V DYNAMIC CHARACTERISTICS Current-Gain-Bandwidth Product fT IC=500mA, VCE=10V, f=1MHz 4 MHz Output Capacitance COB VCB=10V, IE=0, f=0.1MHz 65 pF SWITCHING CHARACTERISTICS Resistive Load (Table 1) Delay Time tD VCC=125V, IC=2A, IB1=IB2=0.4A, tP=25μs, Duty Cycle≤1% 0.025 0.1 μs Rise Time tR 0.3 0.7 μs Storage Time tS 1.7 4 μs Fall Time tF 0.4 0.9 μs Note: 1. Pulse Test: Pulse Width=5ms, Duty Cycle≤10% Note: 2. Pulse Test: PW=300μs, Duty Cycle≤2% CLASSIFICATION OF hFE1 RANK A B C D E RANGE 15 ~ 20 20 ~ 25 25 ~ 30 30 ~ 40 40 ~ 50 |