| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2SC4242-TA3-T bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SC4242-TA3-T bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SC4242 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2008 Unisonic Technologies Co., Ltd QW-R203-033.A SWITCHMODE SERIES NPN POWER TRANSISTORS DESCRIPTION The UTC 2SC4242 is a high-voltage, high-speed switching power transistor and designed particularly for 115 and 220V switch mode applications, such as switching regulators, inverters, DC-DC converter and general purpose power amplifiers. FEATURES * Low saturation voltage. * Switching time: tF=0.5μs (Max.)@ IC=5.0A * High reliability *Pb-free plating product number: 2SC4242L ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing 2SC4242-TA3-T 2SC4242L-TA3-T TO-220 B C E Tube 2SC4242L-TA3-T (1)Packing Type (2)Package Type (3)Lead Plating (1) T: Tube (2) TA3: TO-220 (3) L: Lead Free Plating, Blank: Pb/Sn |
Số phần tương tự - 2SC4242-TA3-T |
|
Mô tả tương tự - 2SC4242-TA3-T |