công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPV531MK/NOPB bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LPV531MK/NOPB
Giải thích chi tiết về linh kiện  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LPV531MK/NOPB bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LPV531MK/NOPB Datasheet HTML 1Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 2Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 3Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 4Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 5Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 6Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 7Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 8Page - Texas Instruments LPV531MK/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LPV531
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
www.ti.com
5V Mid-Power Mode Electrical Characteristics
Unless otherwise specified, all limits are ensured for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2, I
SEL pin connected to V
−
through 100 k
Ω resistor, RL = 100 kΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Max (1)
Units
VOS
Input Offset Voltage
±1
±4.5
mV
±5
ΔVOS
Input Offset Voltage Difference
(VOS in Full Power Mode) −
±0.1
±2
mV
(VOS in Low Power Mode)
TC VOS
Input Offset Average Drift
(3)
±2
μV/°C
IB
Input Bias Current
(4)
.05
±10
pA
±100
CMRR
Common Mode Rejection Ratio
VCM Stepped from 0V to 3.5V
72
92
dB
68
PSRR
Power Supply Rejection Ratio
V+ = 2.7V to 5.5V
72
88
dB
68
CMVR
Input Common Mode Voltage
CMRR
≥ 50 dB
−0.3
3.8
V
Range
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.5V
86
96
RL = 10 kΩ to V
+/2
82
dB
VO = 0.5V to 4.5V
100
114
RL = 100 kΩ to V
+/2
98
VO
Output Swing High
RL = 10 kΩ to V
+/2
115
160
175
mV from
V+
RL = 100 kΩ to V
+/2
65
110
120
Output Swing Low
RL = 10 kΩ to V
+/2
150
165
180
mV
RL = 100 kΩ to V
+/2
105
120
135
ISC
Output Short Circuit Current
Sourcing, VO = 2.5V
−4
−1.5
(5)
VID = 100 mV
−1
mA
Sinking, VO = 2.5V
1.5
4
VID = −100 mV
1
IS
Supply Current
42
55
μA
62
SR
Slew Rate (6)
AV = +1, VIN = 0.5V to 3.5V
180
250
V/ms
100
GBW
Gain Bandwidth Product
CL = 20 pF
625
kHz
en
Input-Referred Voltage Noise
f = 100 kHz
55
nV/
√Hz
f = 1 kHz
60
in
Input-Referred Current Noise
f = 1 kHz
6
fA/
√Hz
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Offset voltage average drift is determined by dividing the change in VOS at temperature extremes into the total temperature change.
(4)
Specified by design.
(5)
Continuous short circuit operation at elevated ambient temperature can result in exceeding the maximum allowed junction temperature
of 150°C.
(6)
Slew rate is the slower of the rising or falling slew rates.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LPV531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com