công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN11054 bảng dữ liệu(PDF) 21 Page - NXP Semiconductors

tên linh kiện AN11054
Giải thích chi tiết về linh kiện  GreenChip III SSL4101 integrated PFC and flyback controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN11054 bảng dữ liệu(HTML) 21 Page - NXP Semiconductors

Back Button AN11054_15 Datasheet HTML 17Page - NXP Semiconductors AN11054_15 Datasheet HTML 18Page - NXP Semiconductors AN11054_15 Datasheet HTML 19Page - NXP Semiconductors AN11054_15 Datasheet HTML 20Page - NXP Semiconductors AN11054_15 Datasheet HTML 21Page - NXP Semiconductors AN11054_15 Datasheet HTML 22Page - NXP Semiconductors AN11054_15 Datasheet HTML 23Page - NXP Semiconductors AN11054_15 Datasheet HTML 24Page - NXP Semiconductors AN11054_15 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AN11054
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Application note
Rev. 1 — 13 May 2011
21 of 27
NXP Semiconductors
AN11054
GreenChip III+ SSL4101 integrated PFC and flyback controller
It is advisable to make the soft-start time for the flyback larger than the soft-start time of
the PFC, to make sure that the PFC starts before the flyback at initial start-up. It is also
advisable to keep the soft-start time in a range of 5 ms to 10 ms.
With C10 = 220 nF and R16 = 12 k
Ω the total soft-start time will be 8 ms.
5.2 Flyback converter protection circuits
5.2.1 Short-circuit on the FBCTRL pin
If the pin is shorted to ground, switching of the flyback controller is inhibited. This situation
is equal to the minimum or a no output power situation.
5.2.2 Open the FBCTRL pin
As shown in Figure 12, the FBCTRL pin is connected to a 3.5 V internal voltage source
via an internal 3 k
Ω resistor. When the voltage on pin FBCTRL is above 2.5 V, this
connection is disabled and the FBCTRL pin is biased with an internal 30
μA current
source. When the voltage on the FBCTRL pin rises above Vto(FBCTRL) of 4.5 V a fault is
assumed. Switching of the flyback (and also the PFC) is blocked and the controller will
enter the Safe Restart mode.
An internal switch pulls the FBCTRL pin down when the flyback convertor is disabled.
5.2.3 Time-out flyback control-loop
A time-out function can be realized to protect for an output short-circuit at initial start-up or
for an open control loop situation. This can be done by placing a resistor in series with a
capacitor between the FBCTRL pin and ground (see Figure 12).
Above 2.5 V, the switch in series with the 3 k
Ω resistor is open and pin FBCTRL (and thus
the RC combination) is biased with a 30
μA current source. When the voltage on FBCTRL
pin rises above 4.5 V, switching of the flyback controller and the PFC is blocked causing
the controller to enter the Safe Restart mode. The capacitor can be used to set the time
delay to reach 4.5 V at the FBCTRL pin. The resistor is necessary to separate the
relatively large time-out capacitor from the control loop response. It is advised to use a
resistor of at least 30 k
Ω. The resistor however, will also influence the charge time of the
capacitor.
The time-out time tto can be calculated using Equation 15:
(15)
otherwise the capacitor can be calculated using Equation 16:
(16)
or the resistor can be calculated using Equation 17:
(17)
t
to
C
to
V
to FBCTRL
()
I
0 FBCTRL
() Rto
⋅
()
–
()
⋅
I
O FBCTRL
()
------------------------------------------------------------------------------------------------
=
C
to
I
O FBCTRL
() tto
⋅
V
to FBCTRL
()
I
O FBCTRL
() Rto
⋅
()
–
--------------------------------------------------------------------------------
=
R
to
V
to FBCRTL
()
I
OFBCRTL
()
-----------------------------
t
to
C
to
--------
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com