| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35070 bảng dữ liệu(PDF) 5 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35070 bảng dữ liệu(HTML) 5 Page - Mitsubishi Electric Semiconductor |
|
5 / 54 page ![]() MITSUBISHI MICROCOMPUTERS M35070-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 5 DAF DAE DAD DAC DAB DAA DA9 DA8 DA7 DA6 DA5 DA4 DA3 DA2 DA1 DA0 1 BB BG BR BLINK B G R C7 C6 C5 C4 C3 C2 C1 C0 1 BB BG BR BLINK B G R C7 C6 C5 C4 C3 C2 C1 C0 1 BB BG BR BLINK B G R C7 C6 C5 C4 C3 C2 C1 C0 1 BB BG BR BLINK B G R C7 C6 C5 C4 C3 C2 C1 C0 1 –––– –––– –––– ––– 1 –––– –––– –––– ––– 1– SPACE2 SPACE1 SPACE0 HP10 HP9 HP8 HP7 HP6 HP5 HP4 HP3 HP2 HP1 HP0 1 – TEST3 TEST2 TEST1 TEST0 VP9 VP8 VP7 VP6 VP5 VP4 VP3 VP2 VP1 VP0 1 – – TEST4 DSP11 DSP10 DSP9 DSP8 DSP7 DSP6 DSP5 DSP4 DSP3 DSP2 DSP1 DSP0 1– VSZ1H1 VSZ1H0 VSZ1L1 VSZ1L0 V1SZ1 V1SZ0 LIN9 LIN8 LIN7 LIN6 LIN5 LIN4 LIN3 LIN2 1– VSZ2H1 VSZ2H0 VSZ2L1 VSZ2L0 V18SZ1 V18SZ0 LIN17 LIN16 LIN15 LIN14 LIN13 LIN12 LIN11 LIN10 1– TEST12 HSZ20 TEST11 HSZ10 BETA14 TEST8 TEST7 TEST6 FB FG FR RB RG RR 1– BLINK2 BLINK1 BLINK0 DSPON TEST13 RAMERS SYAD BLK1 BLK0 – – – – BCOL 00016 00116 11E16 11F16 12016 12116 12216 12316 12416 12516 12616 12716 12816 Addresses Fig. 2 Memory constitution (page 1 memory) Note: Page 0 and page 1 registers are found in their respective pages. For example, HP10 to HP0 of the page 0 memory sets the horizontal display start position of page 0, whereas HP10 to HP0 (same register name) of the page 1 memory sets the horizontal display start position of page 1. Also, registers common to both page 0 and page 1 are found only in the page 0 memory. For example, PTC0 is the control register of the P0 pin and is found only in the page 0 memory. Character color Character code Background coloring Blink- ing |