| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D965SSG-X-AE3-R bảng dữ liệu(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
D965SSG-X-AE3-R bảng dữ liệu(HTML) 2 Page - Unisonic Technologies |
|
2 / 4 page ![]() D965SS / D965ASS NPN EPITAXIAL SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 2 of 4 www.unisonic.com.tw QW-R206-016.D ABSOLUTE MAXIMUM RATING PARAMETER SYMBOL RATINGS UNIT Collector-Base voltage VCBO 40 V D965SS 20 Collector-Emitter Voltage D965ASS VCEO 30 V Emitter-Base Voltage VEBO 7 V Collector dissipation(Ta=25 C) Pc 750 mW Collector current IC 5 A Junction Temperature TJ 150 C Storage Temperature TSTG -65 ~ +150 C ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Collector-base breakdown voltage BVCBO IC=100μA, IE=0 40 V D965SS 20 V Collector-emitter breakdown voltage D965ASS BVCEO IC=1mA, IB=0 30 V Emitter-base breakdown voltage BVEBO IC =0, IE=10μA 7 V Collector cut-off current ICBO VCB=10V, IE=0 100 nA Emitter cut-off current IEBO VEB=7V, IC=0 100 nA hFE1 VCE=2V, IC=1mA 200 hFE2 VCE=2V, IC=0.5A 230 800 DC current gain hFE3 VCE=2V, IC=2A 150 Collector-emitter saturation voltage VCE(SAT) Ic=3A, IB= 0.1A 1 V Current gain bandwidth product fT VCE=6V,IC=50mA 150 MHz Output capacitance Cob VCB=20V,IE=0, f=1MHz 50 pF CLASSIFICATION OF hFE2 RANK Q R S RANGE 230~380 340~600 560~800 |