công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL78301 bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện ISL78301
Giải thích chi tiết về linh kiện  40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78301 bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  ISL78301 Datasheet HTML 1Page - Intersil Corporation ISL78301 Datasheet HTML 2Page - Intersil Corporation ISL78301 Datasheet HTML 3Page - Intersil Corporation ISL78301 Datasheet HTML 4Page - Intersil Corporation ISL78301 Datasheet HTML 5Page - Intersil Corporation ISL78301 Datasheet HTML 6Page - Intersil Corporation ISL78301 Datasheet HTML 7Page - Intersil Corporation ISL78301 Datasheet HTML 8Page - Intersil Corporation ISL78301 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ISL78301
2
FN6705.2
April 7, 2015
Submit Document Feedback
Block Diagram
Pin Configuration
ISL78301
(14 LD HTSSOP)
TOP VIEW
REFERENCE
+
SOFT-START
CONTROL
LOGIC
THERMAL
SENSOR
+
-
EA
VIN
EN
GND
VOUT
FET DRIVER
WITH CURRENT
LIMIT
ADJ
1
2
3
4
14
13
12
11
5
6
7
10
9
8
NC
IN
NC
NC
NC
NC
EN
OUT
NC
ADJ/NC
NC
NC
NC
GND
THERMAL
PAD
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1, 3, 4, 5, 6, 9, 10,
11, 13
NC
Pins have internal termination and can be left unconnected. Connection to ground is optional.
2
IN
Input voltage pin. A minimum 0.1µF ceramic capacitor is required for proper operation.
7
EN
Enable pin. High on this pin enables the device.
8
GND
Ground pin.
12
ADJ/NC
In the adjustable output voltage option, this pin is connected to the external feedback resistor divider which sets
the LDO output voltage. In the 3.3V and 5V options, this pin is not used and can be connected to ground.
14
OUT
Regulated output voltage. A 10µF ceramic capacitor is required for stability.
EPAD
It is recommended to solder the EPAD to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com