| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLS820F0 bảng dữ liệu(PDF) 34 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLS820F0 bảng dữ liệu(HTML) 34 Page - Infineon Technologies AG |
|
34 / 41 page ![]() Data Sheet 34 Rev. 1.1, 2015-07-27 TLS820F0 Block Description and Electrical Characteristics V WI ≤ VWI,dis,low), an ignore window tWI,i follows. After this, the watchdog trigger time tWI,tr starts based on the setting of the DT pins. This behavior is defined for cases with a low current load time greater than t WO,low. Scenario “D” In scenario “D” the watchdog is not served within WD-trigger time t WI,tr with a trigger event at WI pin. As a result the “WO” is set to low. This state is interrupted by setting V WI to the disable condition (VWI,dis,low ≤ VWI ≤ VWI,dis,high). During this state, the watchdog is disabled. The watchdog output signal “WO” is kept in low state for the time of low current load state. After leaving the disable condition ( V WI ≥ VWI,dis,high or VWI ≤ VWI,dis,low), an ignore window tWI,i follows. After this, the watchdog trigger time t WI,tr starts based on the setting of the DT pins. This behavior is defined for cases with a low current load time less than t WO,low. |