công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U74HC4049L-S16-R bảng dữ liệu(PDF) 3 Page - Unisonic Technologies

tên linh kiện U74HC4049L-S16-R
Giải thích chi tiết về linh kiện  HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4049L-S16-R bảng dữ liệu(HTML) 3 Page - Unisonic Technologies

  U74HC4049L-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4049L-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4049L-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4049L-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4049L-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4049L-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74HC4049
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-890.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +7.0
V
Input Voltage
VIN
-0.5 ~ +16
V
VCC or GND Current
ICC
±50
mA
Continuous Output Current (VOUT=0 to VCC )
IOUT
±25
mA
Input Clamp Current (VIN<-0.5)
IIK
-20
mA
Output Clamp Current (VOUT<-0.5 or VOUT> VCC +0.5)
IOK
±20
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
2.0
5.0
6.0
V
Input Voltage
VIN
0
15
V
Output Voltage
VOUT
High or low state
0
VCC
V
Operating Temperature
TA
-40
+25
125
°C
Input Transition Rise or Fall Rate
Δt/Δv
VCC=2.0V
1000
ns/V
VCC=4.5V
500
ns/V
VCC=6.0V
400
ns/V
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level Input Voltage
VIH
VCC=2.0V
1.5
1.3
V
VCC=4.5V
3.15
2.4
V
VCC=6.0V
4.2
3.1
V
Low-level Input Voltage
VIL
VCC=2.0V
0.7
0.5
V
VCC=4.5V
1.8
1.35
V
VCC=6.0V
2.3
1.8
V
High-Level Output Voltage
VOH
VCC=2.0V, IOL=-20μA
1.9
2.0
V
VCC=4.5V, IOL=-20μA
4.4
4.5
V
VCC=6.0V, IOL=-20μA
5.9
6.0
V
VCC=4.5V, IOL=-4.0mA
3.98
V
VCC=6.0V, IOL=-5.2mA
5.48
V
Low-Level Output Voltage
VOL
VCC=2.0V, IOL=20μA
0.1
V
VCC=4.5V, IOL=20μA
0.1
V
VCC=6.0V, IOL=20μA
0.1
V
VCC=4.5V, IOL=4.0mA
0.26
V
VCC=6.0V, IOL=5.2mA
0.26
V
Input Leakage Current
II(LEAK)
VCC=6.0V, VIN=VCC or GND
±0.1
μA
VCC=6.0V, VIN=15V
±0.5
μA
Quiescent Supply Current
ICC
VCC=6.0V, VIN=15V or GND, IOUT=0
2.0
μA
Input Capacitance
CI
3.5
pF



Html Pages

1 2 3 4 5 6