| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35045-151SP bảng dữ liệu(PDF) 22 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35045-151SP bảng dữ liệu(HTML) 22 Page - Mitsubishi Electric Semiconductor |
|
22 / 37 page ![]() 22 MITSUBISHI MICROCOMPUTERS M35045-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS Unit V mA V V k Ω Symbol VDD VI VO Pd Topr Tstg ABSOLUTE MAXIMUM RATINGS Parameter Supply voltage Input voltage Output voltage Power dissipation Operating temperature Storage temperature Conditions With respect to VSS. Ta = 25°C Ratings –0.3 to +6.0 VSS –0.3 < VI < VDD +0.3 VSS < VO < VDD 300 –20 to +85 –40 to +125 Unit V V V mW °C °C Typ. 5.0 VDD 0 — Min. 4.75 0.8VDD 0 30.0 Parameter Supply voltage __ __ “H” level input voltage SIN, SCK, CS, AC HOR, VERT __ __ “L” level input voltage SIN, SCK, CS, AC HOR, VERT Oscillating frequency for display Max. 5.25 VDD 0.2VDD 80.0 Limits RECOMMENDED OPERATING CONDITIONS (VDD = 5V, Ta = –20 to +85°C, unless otherwise noted) Symbol VDD VIH VIL FOSC Unit V V V MHz ELECTRICAL CHARACTERISTICS (VDD = 5V, Ta = 25°C, unless otherwise noted) Symbol VDD IDD VOH VOL RI Parameter Supply voltage Supply current “H” level output voltage “L” level output voltage __ __ Pull-up resistance SCK, AC, CS, SIN Test conditions Ta = –20 to +85°C VDD = 5.25V VDD = 4.75V, IOH = 0.4mA VDD = 4.75V, IOH = 0.05mA VDD = 4.75V, IOL = 0.4mA VDD = 4.75V, IOL = 0.05mA VDD = 5.0V Limits Min. 4.75 — 3.5 — 10 Typ. 5.0 30 — — 30 Max. 5.25 50 — 0.4 100 P0 ~ P7 CPOUT P0 ~ P7 CPOUT |