công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL9012IRFCZ bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện ISL9012IRFCZ
Giải thích chi tiết về linh kiện  Dual LDO with Low Noise, Low IQ, and High PSRR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9012IRFCZ bảng dữ liệu(HTML) 9 Page - Intersil Corporation

Back Button ISL9012IRFCZ Datasheet HTML 3Page - Intersil Corporation ISL9012IRFCZ Datasheet HTML 4Page - Intersil Corporation ISL9012IRFCZ Datasheet HTML 5Page - Intersil Corporation ISL9012IRFCZ Datasheet HTML 6Page - Intersil Corporation ISL9012IRFCZ Datasheet HTML 7Page - Intersil Corporation ISL9012IRFCZ Datasheet HTML 8Page - Intersil Corporation ISL9012IRFCZ Datasheet HTML 9Page - Intersil Corporation ISL9012IRFCZ Datasheet HTML 10Page - Intersil Corporation ISL9012IRFCZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN9220.3
March 11, 2008
Block Diagram
Functional Description
The ISL9012 contains all circuitry required to implement two
high performance LDO’s. High performance is achieved
through a circuit that delivers fast transient response to
varying load conditions. In a quiescent condition, the
ISL9012 adjusts its biasing to achieve the lowest standby
current consumption.
The device also integrates current limit protection, smart
thermal shutdown protection, staged turn-on and soft-start.
Smart Thermal shutdown protects the device against
overheating. Staged turn-on and soft-start minimize start-up
input current surges without causing excessive device
turn-on time.
Power Control
The ISL9012 has two separate enable pins, EN1 and EN2,
to individually control power to each of the LDO outputs.
When both EN1 and EN2 are low, the device is in shutdown
mode. During this condition, all on-chip circuits are off, and
the device draws minimum current, typically less than 0.1µA.
When one or both of the enable pins are asserted, the
device first polls the output of the UVLO detector to ensure
that VIN voltage is at least about 2.1V. Once verified, the
device initiates a start-up sequence. During the start-up
sequence, trim settings are first read and latched. Then,
sequentially, the bandgap, reference voltage and current
generation circuitry power up. Once the references are
stable, a fast-start circuit quickly charges the external
reference bypass capacitor (connected to the CBYP pin) to
the proper operating voltage. After the bypass capacitor has
been charged, the LDO’s power up.
If EN1 is brought high, and EN2 goes high before the VO1
output stabilizes, the ISL9012 delays the VO2 turn-on until
the VO1 output reaches its target level.
If EN2 is brought high, and EN1 goes high before VO2 starts
its output ramp, then VO1 turns on first and the ISL9012
LDO
ERROR
AMPLIFIER
IS2
1V
QEN2
LDO-2
LDO-1
POR
COMPARATOR
VOK2
POR
VREF
TRIM
VIN
VO1
VO2
POR
CPOR
CBYP
GND
EN2
EN1
CONTROL
LOGIC
POR
DELAY
VOLTAGE
REFERENCE
GENERATOR
BANDGAP AND
TEMPERATURE
SENSOR
UVLO
VOK2
1.00V
0.94V
0.90V
VO2
~1.0V
ISL9012



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com