| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NX3L1T53 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
NX3L1T53 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 24 page ![]() NX3L1T53 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 8 — 23 January 2013 2 of 24 NXP Semiconductors NX3L1T53 Low-ohmic single-pole double-throw analog switch 3. Applications Cell phone PDA Portable media player 4. Ordering information 5. Marking [1] The pin 1 indicator is located on the lower left corner of the device, below the marking code. Table 1. Ordering information Type number Package Temperature range Name Description Version NX3L1T53GT 40 Cto +125 C XSON8 plastic extremely thin small outline package; no leads; 8 terminals; body 1 1.95 0.5 mm SOT833-1 NX3L1T53GD 40 Cto +125 C XSON8 plastic extremely thin small outline package; no leads; 8 terminals; body 3 2 0.5 mm SOT996-2 NX3L1T53GM 40 C to +125 C XQFN8 plastic, extremely thin quad flat package; no leads; 8 terminals; body 1.6 1.6 0.5 mm SOT902-2 Table 2. Marking codes[1] Type number Marking code NX3L1T53GT M53 NX3L1T53GD M53 NX3L1T53GM M53 |