công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMP8672 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LMP8672
Giải thích chi tiết về linh kiện  Single, Dual, and Quad 40V Low Noise Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMP8672 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMP8672_15 Datasheet HTML 1Page - Texas Instruments LMP8672_15 Datasheet HTML 2Page - Texas Instruments LMP8672_15 Datasheet HTML 3Page - Texas Instruments LMP8672_15 Datasheet HTML 4Page - Texas Instruments LMP8672_15 Datasheet HTML 5Page - Texas Instruments LMP8672_15 Datasheet HTML 6Page - Texas Instruments LMP8672_15 Datasheet HTML 7Page - Texas Instruments LMP8672_15 Datasheet HTML 8Page - Texas Instruments LMP8672_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
NC
NC
V-
+IN
-IN
VOUT
V+
NC
+
-
LMP8671, LMP8672, LMP8674
www.ti.com
SNOSB39B – JULY 2011 – REVISED MARCH 2013
Single, Dual, and Quad 40V Low Noise Precision Amplifiers
Check for Samples: LMP8671, LMP8672, LMP8674
1
FEATURES
DESCRIPTION
The LMP8671/2/4 combines great precision, low
2
Output Short Circuit Protection
noise and a large operating voltage range to provide
PSRR and CMRR Exceed 110dB
a high SNR and a wide dynamic range. Its AC
Best in Class Linearity (135dB)
performance allows it to be used over a wide
frequency without degradation. It is the ideal choice
for applications requiring DC precision and low noise
APPLICATIONS
such as precision PLL filters, multi feedback and multi
Low Noise Industrial Applications Including
pole active filters, GPS receivers and precision
Test, Measurement, and Ultrasound
control loop systems. The LMP8671/2/4 offers an
Precision Active Filters
extremely high open loop gain of 135dB, low voltage
noise density (2.5nV/
√Hz), and a superb linearity of
PLL Filters
0.000009%. These characteristics drastically reduce
4-20mA Current Loops
gain error which is a challenge in accurate systems
Motor Control
requiring higher gains such as data acquisition
systems.
KEY SPECIFICATIONS
To ensure that the most challenging loads are driven
Input Offset Voltage 0.4mV
without compromise, the LMP8671/2/4 has a high
slew rate of ±20V/
μs and an output current capability
TC VOS 2μV/°C (max)
of ±26mA.
Power Supply Voltage Range ±2.5V to ±20V
The LMP8671/2 family of high-voltage amplifiers are
Voltage Noise Density 2.5nV/
√Hz
available in SOIC-8, the LMP8674 in SOIC-14.
Slew Rate ±20V/
μs
Gain Bandwidth Product 55MHz
Open Loop Gain 135dB
Input Bias Current 10nA
Connection Diagrams
Figure 1. See Package Number — D0008A
Figure 2. See Package Number — D0008A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LMP8672_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMP8672MA/NOPB TI-LMP8672MA/NOPB Datasheet
785Kb / 16P
Single, Dual, and Quad 40V Low Noise Precision Amplifiers
LMP8672MA/NOPB TI2-LMP8672MA/NOPB Datasheet
471Kb / 18P
Single, Dual, and Quad 40V Low Noise Precision Amplifiers
REVISED MARCH 2013
LMP8672MA/NOPB.A TI2-LMP8672MA/NOPB.A Datasheet
471Kb / 18P
Single, Dual, and Quad 40V Low Noise Precision Amplifiers
REVISED MARCH 2013
LMP8672MA/NOPB.B TI2-LMP8672MA/NOPB.B Datasheet
471Kb / 18P
Single, Dual, and Quad 40V Low Noise Precision Amplifiers
REVISED MARCH 2013
LMP8672MAX/NOPB TI-LMP8672MAX/NOPB Datasheet
785Kb / 16P
Single, Dual, and Quad 40V Low Noise Precision Amplifiers
More results

Mô tả tương tự - LMP8672_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
Precision Single and Dual Low Noise Operational Amplifiers
April 8, 2010
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
Precision Single and Dual Low Noise Operational Amplifiers
November 16, 2009
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 9, 2010
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
October 21, 2011
logo
Texas Instruments
LMP8671 TI1-LMP8671 Datasheet
390Kb / 14P
Single, Dual, and Quad 40V Low Noise Precision Amplifiers
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
logo
Texas Instruments
LMP8671 TI-LMP8671_15 Datasheet
785Kb / 16P
Single, Dual, and Quad 40V Low Noise Precision Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com