công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM5716 bảng dữ liệu(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM5716
Giải thích chi tiết về linh kiện  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM5716 bảng dữ liệu(HTML) 97 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 93Page - Texas Instruments AM5716 Datasheet HTML 94Page - Texas Instruments AM5716 Datasheet HTML 95Page - Texas Instruments AM5716 Datasheet HTML 96Page - Texas Instruments AM5716 Datasheet HTML 97Page - Texas Instruments AM5716 Datasheet HTML 98Page - Texas Instruments AM5716 Datasheet HTML 99Page - Texas Instruments AM5716 Datasheet HTML 100Page - Texas Instruments AM5716 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 389 page
background image
AM5716, AM5718
www.ti.com
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
4.4
Signal Descriptions
Many signals are available on multiple pins, according to the software configuration of the pin multiplexing
options.
Texas Instruments has developed an application called Pin Mux Utility that helps a system designer select
the appropriate pin-multiplexing configuration for their device-based product design. The Pin Mux Utility
provides a way to select valid IO Sets of specific peripheral interfaces to ensure the pinmultiplexing
configuration selected for a design only uses valid IO Sets supported by the device.
1. SIGNAL NAME: The name of the signal passing through the pin.
NOTE
The subsystem multiplexing signals are not described in Table 4-2 and Table 4-3.
2. DESCRIPTION: Description of the signal
3. TYPE: Signal direction and type:
–
I = Input
–
O = Output
–
IO = Input or output
–
D = Open Drain
–
DS = Differential
–
A = Analog
–
PWR = Power
–
GND = Ground
4. BALL: Associated ball(s) bottom
NOTE
For more information, see the Control Module / Control Module Register Manual section of
the device TRM.
4.4.1
Video Input Ports (VIP)
CAUTION
The I/O timings provided in Section 7, Timing Requirements and Switching
Characteristics are valid only for VIN1 and VIN2 if signals within a single IOSET
are used. The IOSETs are defined in Table 7-4.
NOTE
For more information, see the Video Input Port (VIP) section of the device TRM.
Table 4-4. VIP Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Video Input 1
vin1a_clk0
Video Input 1 Port A Clock input.Input clock for 8-bit 16-bit or 24-bit Port A video
I
AC5 / B11 / E17 /
capture. Input data is sampled on the CLK0 edge.
P1 / P4 / B26
vin1a_d0
Video Input 1 Port A Data input
I
AD6 / B7 / C17 /
D18 / M6 / R6 / P7 /
B14
vin1a_d1
Video Input 1 Port A Data input
I
AC8 / B19 / B8 / M2
/ T9 / J14
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
97
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com