công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RWS2 bảng dữ liệu(PDF) 2 Page - Ohmite Mfg. Co.

tên linh kiện RWS2
Giải thích chi tiết về linh kiện  High overload capability for surge and pulse applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OHMITE [Ohmite Mfg. Co.]
Trang chủ  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RWS2 bảng dữ liệu(HTML) 2 Page - Ohmite Mfg. Co.

  RWS2 Datasheet HTML 1Page - Ohmite Mfg. Co. RWS2 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
The information contained herein does not form part of
a contract and is subject to change without notice. Arcol
operate a policy of continual product development, therefore,
specifications may change.
It is the responsibility of the customer to ensure that the
component selected from our range is suitable for the intended
application. If in doubt please ask Arcol.
ARCOL UK Limited,
Threemilestone Ind. Estate,
Truro, Cornwall, TR4 9LG, UK.
T +44 (0) 1872 277431
F +44 (0) 1872 222002
E sales@arcolresistors.com
www.arcolresistors.com
1 / 11.46
RWS SMD Precision Power
Wirewound Resistor
Temperature Rise
Derating Curve
125
100
80
60
40
20
0
0
1/2W
1W
2W
3W
5W
Power (Watt)
125
100
80
60
40
20
0
0
-55
75
100
125
150
175
Temperature (°C)
Ordering Procedure
Standard Resistor: Series, Resistance Value, Tolerance,
Packaging (T&R or Bulk)
e.g. RWS1 / NRWS1 (non-inductive) R005 F T&R
Dimensions (in mm ±0.5)
Type
L
1
L
2
L
3
H
1
W
2
RWS05 5.08
1.28
2.52
3.25
1.663
RWS1
7.50
1.75
4.00
4.64
2.405
RWS2
11.00
2.00
7.00
4.65
3.59
RWS3
13.50
2.50
8.50
5.65
4.20
RWS5
20.30
3.00
12.30
7.87
4.90
Solder Pad Dimensions
Type
L
4
W
3
RWS05
1.98
2.16
RWS1
2.45
2.95
RWS2
2.75
3.70
RWS3
3.20
4.20
RWS5
3.70
5.10
DIMENSIONS
Dimensions inches / millimeters +-inches
Solder Pad Dimensions
Model
L1±0.020
L2±0.020
L3 ±0.020
H1±0.020
W1 ±0.020
W2±0.020
L4±0.020
W3±0.020
RWIS2010
0.200/05.08
0.050/1.28
0.099/2.52
0.128/3.25
0.100/2.54
0.065/1.663
0.078/1.98
0.085/2.16
RWIS3014
0.300/07.50
0.069/1.75
0.157/4.00
0.183/4.64
0.138/3.50
0.095/2.405
0.096/2.45
0.116/2.95
RWIS4318
0.430/11.00
0.079/2.00
0.216/7.00
0.189/4.65
0.177/4.50
0.134/3.590
0.108/2.75
0.146/3.70
RWIS5322
0.530/13.50
0.098/2.50
0.256/8.50
0.229/5.65
0.217/5.50
0.165/4.200
0.126/3.20
0.165/4.20
RWIS8030
0.800/20.30
0.118/3.00
0.484/12.3
0.310/7.87
0.300/7.62
0.193/4.900
0.146/3.70
0.200/5.10
TEMPERATURE RISE ( In ⁰C )
DERATING ( Rated Power In % )
PERFORMANCE CHARACTERISTICS
Parameter
Conditions Of Test
Test Results
Thermo Shock
-55⁰C +0⁰C,-3⁰C to 150⁰C +3⁰C,-0⁰C, 100 cycles,
Minimum 15 minute at each extremes
±(1.0% + 0.5m )△R
Short Time Overload
Overload voltage : 5 Times rated wattage for 5
seconds
±(0.5% + 0.5m )△R
Solderability
Bath Temperature 235±5℃, Immersion Time
2±0.5seconds JIS C 5201 4.17
>95% of contact face
covered new solder
Resistance To Solder Heat
Bath Temperature 260±5℃, Immersion Time
10±1 seconds JIS C 5201 4.18
±(0.5% + 0.5m )△R
Dielectric Withstanding
Voltage
Magnitude of test voltage : > 500 volts.
Duration 1 minute JIS C 5201 4.7
Pass
Insulation Resistance
Apply Max Overload Voltage Duration 1
minute JIS C 5201 4.6
>109
High Temperature
Exposure
Exposed to am ambient temperature of 155⁰C
+5⁰C,-0⁰C, 1000 hours max.
±(1.0%+0.5m )△R
Low Temperature Storage
At a temperature of -55⁰C ±2⁰C for a period of
1000 +48/-0 hours
±(0.5%+0.5m )△R
Life
70⁰C ±2⁰C, Rated DC working voltage applied,
1.5 hours on and 0.5 hours off. 1000 hour
±(2.0%+0.5m )△R
PACKAGING inches / millimeters
Model
Tape Width
Pitch
Reel Dia.
Pcs./ Reel
Parts No.
Pcs./Bulk Bag
RWIS2010
0.472 / 12.0
0.315 / 8.00
2500
KA12
200
RWIS3014
0.629 / 16.0
1500
KA12
200
RWIS4318
0.629 / 16.0
1500
KB16
200
RWIS5322
0.945 / 24.0
1500
KC24
100
RWIS8030
0.000 / 00.0
0.000 / 0.00
13 / 330
0600
KC24
100
ADVANCED WIRE WINDING TECHNOLOGY
USA 3Jill Court Suite 4, Hillsborough Business Center Hillsborough NJ 08844 USA. Ph. : 908-281-1950 Fax : 908-281-1960
Taiwan 12F-1 No.77, Sec.1, Shin-Tai 5th. Rd., Xi-Zhi City, Taipei , 221Taiwan Ph. : 886-2-8698-2389 Fax : 886-2-8698-2289
www.awwtech.com www.service@awwtech.com
AWWT SpS-6A306981V8. May 2011



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com