| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UCD4011BG-S14-R bảng dữ liệu(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UCD4011BG-S14-R bảng dữ liệu(HTML) 3 Page - Unisonic Technologies |
|
3 / 5 page ![]() UCD4011B Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 5 www.unisonic.com.tw QW-R502-517.d ABSOLUTE MAXIMUM RATING(TA=25°С, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Supply Voltage VDD -0.5 ~ 18 V Input Voltage V(nA,nB) -0.5 ~ VDD +0.5 V Output Voltage V(nY) -0.5 ~ VDD +0.5 V Storage Temperature TSTG -65 ~ + 150 °С Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL RATINGS UNIT Supply Voltage VDD 3 ~ 15 V Operating Temprature TOP -55 ~ 125 °С ELECTRICAL CHARACTERISTICS(TA=25°С, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT High-Level Input Voltage VIH VDD= 5V, VO=0.5V 3.5 3 V VDD= 10V, VO=1.0V 7.0 6 VDD= 15V, VO=1.5V 11.0 9 Low-Level Input Voltage VIL VDD= 5V, VO=4.5V 2 1.5 V VDD= 10V, VO=9.0V 4 3.0 VDD= 15V, VO=13.5V 6 4.0 High-Level Output Voltage VOH VDD= 5V, │I0│<1μA 4.95 5 V VDD= 10V, │I0│<1μA 9.95 10 VDD= 15V, │I0│<1μA 14.95 15 Low-Level Output Voltage VOL VDD= 5V, │I0│<1μA 0 0.05 V VDD= 10V, │I0│<1μA 0 0.05 VDD= 15V, │I0│<1μA 0 0.05 High-Level Output Current (NOTE) IOH VDD= 5V, VO=4.6V -0.51 -0.88 mA VDD= 10V, VO=9.5V -1.3 -2.25 VDD= 15V, VO=13.5V -3.4 -8.8 Low-Level Output Current (NOTE) IOL VDD= 5V, VO=0.4V 0.51 0.88 VDD= 10V, VO=0.5V 1.3 2.25 VDD= 15V, VO=1.5V 3.4 8.8 Input Leakage Current II(LEAK) VDD= 15V ,VIN = VDD or GND 0.1 µA Quiescent Supply Current IQ VDD= 5V, VIN = VDD or VSS, IOUT = 0 0.004 0.25 µA VDD= 10V, VIN = VDD or VSS, IOUT = 0 0.005 0.5 VDD= 15V, VIN = VDD or VSS, IOUT = 0 0.006 1.0 Note: IOL and IOH are tested one output at a time |