| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HIP4086ABZ bảng dữ liệu(PDF) 10 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
HIP4086ABZ bảng dữ liệu(HTML) 10 Page - Intersil Corporation |
|
10 / 16 page ![]() HIP4086, HIP4086A 10 FN4220.10 March 27, 2015 Submit Document Feedback Functional Description Input Logic NOTE: When appropriate for brevity, input and output pins will be prefixed with an “x” as a substitute for A, B, or C. For example, xHS refers to pins AHS, BHS, and CHS. The HIP4086/A is a three phase bridge driver designed specifically for motor drive applications. Three identical half bridge sections, A, B, and C, can be controlled individually by their input pins, ALI, AHI, BLI, BHI, and CLI, CHI (xLI, xHI) or the 2 corresponding input pins for each section can be tied together to form a PWM input (xLI connected to xHI = xPWM). When controlling individual inputs, the programmable dead time is optional but shoot-thru protection must then be incorporated in the timing of the input signals. If the PWM mode is chosen, then the internal programmable dead time must be used. Shoot-Thru Protection Dead time, to prevent shoot-thru, is implemented by delaying the turn-on of the high-side and low-side drivers. The delay timers are enabled if the voltage on the RDEL pin is greater than 100mV. The voltage on RDEL will be greater than 100mV for any value of programming resistor in the specified range. If the voltage on RDEL is less than 100mV, the delay timers are disabled and no shoot-thru protection is provided by the internal logic of the HIP4086/A. When the dead time is to be disabled, RDEL should be shorted to VSS. Refresh Pulse To insure that the boot capacitors are charged prior to turning on the high-side drivers, a refresh pulse is triggered when DIS is low or when the UV comparator transitions low (VDD is greater than the programmed undervoltage threshold). Please refer to the “Block Diagram (for clarity, only one phase is shown)” on page 2. When triggered, the refresh pulse turns on all of the low-side drivers (xLO = 1) and turns off all of the high-side drivers (xHO = 0) for a duration set by a resistor tied between RDEL and VSS. When xLO = 1, the low-side bridge FETs charge the boot caps from VDD through the boot diodes. FIGURE 18. DEAD TIME FIGURE 19. UNDERVOLTAGE THRESHOLD FIGURE 20. IxHS LEAKAGE CURRENT Typical Performance Curves (Continued) JUNCTION TEMPERATURE (°C) -60 -40 -20 0 20 40 60 80 100 120 140 160 0 2 4 6 RDEL = 100kΩ RDEL = 10kΩ JUNCTION TEMPERATURE (°C) -60 -40 -20 0 20 40 60 80 100 120 140 160 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0 10.5 11.0 ENABLE (50kΩ, UVLO TO GND) TRIP (50k, UVLO TO GND) ENABLE (UVLO OPEN) TRIP (UVLO OPEN) TRIP/ENABLE (0kΩ, UVLO TO VDD) JUNCTION TEMPERATURE (°C) -60 -40 -20 0 20 40 60 80 100 120 140 160 10 15 20 25 VxHS = 80V |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |