| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GM1851-S08-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
GM1851-S08-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 10 page ![]() UNISONIC TECHNOLOGIES CO., LTD GM1851 LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 10 Copyright © 2008 Unisonic Technologies Co., Ltd QW-R122-007,B GROUND FAULT INTERRUPTER DESCRIPTION The UTC GM1851 can specially provide ground fault protection for AC power outlets in consumer and industrial environments. As ground fault currents greater than a presentable threshold value, it will trigger an external SCR-driven circuit breaker to interrupt the AC line and remove the fault condition. Besides of detection of conventional hot wire to ground faults, the neutral fault condition is detected also. In the event that noise pulses introduce unwanted charging currents and a memory circuit that allows firing of even a sluggish breaker on either half-cycle of the line voltage when external full-wave rectification is used, circuitry that rapidly resets the timing capacitor. FEATURES * Internal power supply shunt regulator * Externally programmable fault current threshold * Externally programmable fault current integration time * Direct interface to SCR * Operates under line reversal; both load vs line and hot vs neutral * Detects neutral line faults Lead-free: GM1851L Halogen-free: GM1851G ORDERING INFORMATION Ordering Number Normal Lead Free Halogen Free Package Packing GM1851-S08-R GM1851L-S08-R GM1851G-S08-R SOP-8 Tape Reel GM1851-D08-T GM1851L-D08-T GM1851G-D08-T DIP-8 Tube |
Số phần tương tự - GM1851-S08-R |
|
Mô tả tương tự - GM1851-S08-R |