công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BLF521 bảng dữ liệu(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

tên linh kiện BLF521
Giải thích chi tiết về linh kiện  UHF power MOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Trang chủ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BLF521 bảng dữ liệu(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BLF521_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF521_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF521_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF521_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF521_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF521_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF521_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF521_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF521_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
November 1992
2
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF521
FEATURES
• High power gain
• Easy power control
• Gold metallization
• Good thermal stability
• Withstands full load mismatch
• Designed for broadband operation.
DESCRIPTION
Silicon N-channel enhancement
mode vertical D-MOS transistor
designed for communications
transmitter applications in the UHF
frequency range.
The transistor is encapsulated in a
4-lead, SOT172D studless envelope,
with a ceramic cap. All leads are
isolated from the mounting base.
PINNING - SOT172D
PIN
DESCRIPTION
1
source
2
gate
3
drain
4
source
PIN CONFIGURATION
CAUTION
The device is supplied in an antistatic package. The gate-source input must
be protected against static charge during transport and handling.
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided
that the BeO disc is not damaged. All persons who handle, use or dispose of
this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to
the regulations applying at the location of the user. It must never be thrown
out with the general or domestic waste.
Fig.1 Simplified outline and symbol.
ook, halfpage
2
1
4
3
MSB007
Top view
s
d
g
MBB072
QUICK REFERENCE DATA
RF performance at Tamb = 25 °C in a common source test circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
ηD
(%)
CW, class-B
500
12.5
2
> 10
> 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com