công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BF1206 bảng dữ liệu(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

tên linh kiện BF1206
Giải thích chi tiết về linh kiện  Dual N-channel dual-gate MOS-FET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Trang chủ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1206 bảng dữ liệu(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1206_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2003 Nov 17
2
Philips Semiconductors
Product specification
Dual N-channel dual-gate MOS-FET
BF1206
FEATURES
• Two low noise gain controlled amplifiers in a single
package
• Superior cross-modulation performance during AGC
• High forward transfer admittance
• High forward transfer admittance to input capacitance
ratio.
APPLICATIONS
• Gain controlled low noise amplifiers for VHF and UHF
applications with 5 V supply voltage, such as digital and
analog television tuners.
DESCRIPTION
The BF1206 is a combination of two different dual gate
MOS-FET amplifiers with shared source and gate 2 leads.
The source and substrate are interconnected. Internal bias
circuits enable DC stabilization and a very good
cross-modulation performance during AGC. Integrated
diodes between the gates and source protect against
excessive input voltage surges. The transistor is
encapsulated in SOT363 micro-miniature plastic package.
PINNING - SOT363
PIN
DESCRIPTION
1
drain (b)
2
source
3
gate 1 (b)
4
gate 1 (a)
5
gate 2
6
drain (a)
handbook, halfpage
12
3
654
Top view
MAM480
AMP
a
d (a)
g2
g1 (a)
d (b)
s
g1 (b)
AMP
b
Fig.1 Simplified outline and symbol.
Marking code: L6-.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN. TYP. MAX.
UNIT
Per MOS-FET; unless otherwise specified
VDS
drain-source voltage
−−
6V
ID
drain current (DC)
−−
30
mA
y
fs
forward transfer admittance
amp. a: ID = 18 mA
333848
mS
amp. b: ID = 12 mA
293444
mS
Cig1-s
input capacitance at gate 1
amp. a: ID = 18 mA; f = 1 MHz
−
2.4
2.9
pF
amp. b: ID = 12 mA; f = 1 MHz
−
1.7
2.2
pF
Crss
reverse transfer capacitance
f = 1 MHz
−
15
−
fF
Xmod
cross-modulation
amp. a: input level for k = 1% at
40 dB AGC
102
105
−
dB
µV
amp. b: input level for k = 1% at
40 dB AGC
100
103
−
dB
µV
NF
noise figure
amp. a: f = 400 MHz; ID =18mA
−
1.3
1.9
dB
amp. b: f = 800 MHz; ID =12mA
−
1.4
2.0
dB
amp. a: f = 11 MHz; ID =18mA
−
3
−
dB
amp. b: f = 11 MHz; ID =12mA
−
3.5
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com