| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35052 bảng dữ liệu(PDF) 20 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35052 bảng dữ liệu(HTML) 20 Page - Mitsubishi Electric Semiconductor |
|
20 / 44 page ![]() MITSUBISHI MICROCOMPUTERS M35052-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 20 DATA INPUT EXAMPLE Data of display RAM and display control registers can be set by then serial input function. Example of data setting is shown in Figure 9. Owing to automatic address increment, not necessary to enter ad- dresses for the second and subsequent data. In automatically, the next of address F816 is assigned to address 0016. Fig. 9 shows an example of data serially entered. DA E 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 DA D 0 0 0 0 0 0 0 0 0 0 0 0 1 0 LEVEL 1 DA C 0 0 REV REV REV REV ______ W/R DVP 4 EVP 4 0 0 0 0 0 EHP 4 DA B 0 0 BLINK BLINK BLINK BLINK 0 DVP 3 EVP 3 EFLD 1 0 _____ MB/LB 0 RGBON EHP 3 DA A 0 0 EC2 EC2 EC2 EC2 1 DVP 2 EVP 2 EFLD 0 SPACE 0 0 0 EHP 2 DA 9 0 0 EC1 EC1 EC1 EC1 0 DVP 1 EVP 1 DFLD 1 DSP 9 0 LBLACK CL _____ 17/18 EHP 1 DA 8 0 0 EC0 EC0 EC0 EC0 0 DVP 0 EVP 0 DFLD 0 DSP 8 0 LIN _____ 24/32 CBLINK EHP 0 DA 7 1 0 0 0 0 0 1 HP 7 VP 7 VSZ 21 DSP 7 EQP BLKHF CURS 7 RAM ERS DA 6 1 0 C6 C6 C6 C6 0 HP 6 VP 6 VSZ 20 DSP 6 PALH BB CURS 6 DSPON DA 5 1 0 C5 C5 C5 C5 0 HP 5 VP 5 VSZ 11 DSP 5 MPAL BG CURS 5 STOP 1 DA 4 1 0 C4 C4 C4 C4 0 HP 4 VP 4 VSZ 10 DSP 4 _______ INT /NON BR CURS 4 STOP IN DA 3 1 0 C3 C3 C3 C3 PTD 1 HP 3 VP 3 HSZ 21 DSP 3 ____ N/P LEVEL 0 CURS 3 SCOR DA 2 0 0 C2 C2 C2 C2 PTD 0 HP 2 VP 2 HSZ 20 DSP 2 BLINK 2 PHASE 2 CURS 2 EX DA 1 0 0 C1 C1 C1 C1 PTC 1 HP 1 VP 1 HSZ 11 DSP 1 BLINK 1 PHASE 1 CURS 1 BLK 1 DA 0 0 0 C0 C0 C0 C0 PTC 0 HP 0 VP 0 HSZ 10 DSP 0 BLINK 0 PHASE 0 CURS 0 BLK 0 Remarks Specify address Display OFF DA F 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Address (F816) Data (F816) Data (0116) Data (EE16) Data (EF16) Data (F016) Data (F116) Data (F216) Data (F316) Data (F416) Data (F516) Data (F616) Data (F716) Data (F816) Specify address display RAM 0 to EF16. Specify address register F016 to F716. Display ON Fig. 9 Example of data setting serial input function |