công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MX7828LN bảng dữ liệu(PDF) 9 Page - Maxim Integrated Products

tên linh kiện MX7828LN
Giải thích chi tiết về linh kiện  CMOS, High-Speed, 8-Bit ADCs with Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7828LN bảng dữ liệu(HTML) 9 Page - Maxim Integrated Products

Back Button MX7828LN Datasheet HTML 4Page - Maxim Integrated Products MX7828LN Datasheet HTML 5Page - Maxim Integrated Products MX7828LN Datasheet HTML 6Page - Maxim Integrated Products MX7828LN Datasheet HTML 7Page - Maxim Integrated Products MX7828LN Datasheet HTML 8Page - Maxim Integrated Products MX7828LN Datasheet HTML 9Page - Maxim Integrated Products MX7828LN Datasheet HTML 10Page - Maxim Integrated Products MX7828LN Datasheet HTML 11Page - Maxim Integrated Products MX7828LN Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Input Current
The converters’ analog inputs behave somewhat differ-
ently from conventional ADCs. The sampled data com-
parators take varying amounts of current from the input,
depending on the cycle they are in. The equivalent cir-
cuit of the converter is shown in Figure 9a. When the
conversion starts, AIN(n) is connected to the MS and
LS comparators. Thus, AIN(n) is connected to thirty-one
1pF capacitors.
To acquire the input signal in approximately 1µs, the
input capacitors must charge to the input voltage
through the on-resistance of the multiplexer (about
600
Ω) and the comparator’s analog switches (2kΩ to
5k
Ω per comparator). In addition, about 12pF of stray
capacitance must be charged. The input can be mod-
eled as an equivalent RC network shown in Figure 9b.
As RS (source impedance) increases, the capacitors
take longer to charge.
Since the length of the input acquisition time is internal-
ly set, large source resistances (greater than 100
Ω) will
cause settling errors. The output impedance of an op-
amp is its open-loop output impedance divided by the
loop gain at the frequency of interest. It is important
that the amplifier driving the converter input have suffi-
cient loop gain at approximately 1MHz to maintain low
output impedance.
Input Filtering
The transients in the analog input caused by the sam-
pled data comparators do not degrade the converter’s
performance, since the ADC does not “look” at the
input when these transients occur. The comparator’s
outputs track the input during the first 1µs of the con-
version, and are then latched. Therefore, at least 1µs
will be provided to charge the ADC’s input capaci-
tance. It is not necessary to filter these transients with
an external capacitor on the AIN terminals.
Sinusoidal Inputs
The MAX154/MAX158 and MX7824/MX7828 can mea-
sure input signals with slew rates as high as 157mV/µs
to the rated specifications. This means that the analog
input frequency can be as high as 10kHz without the
aid of an external track/hold. The maximum sampling
rate is limited by the conversion time (typical tCRD =
2µs) plus the time required between conversions (tp =
500ns). It is calculated as:
fMAX =
1
=
1
= 400kHz
tCRD + tp
(2.0 + 0.5) µs
CMOS, High-Speed, 8-Bit ADCs
with Multiplexer
_______________________________________________________________________________________
9
MAX154
MAX158
VIN
GND
VDD
REF OUT
VREF+
AINx(+)
AINx(-)
+5V
0.1
µF47µF
0.01
µF
VREF-
MX7824
MX7828
MX584
VIN
GND
VDD
VREF+
AINx(+)
AINx(-)
+5V
2.5V
0.1
µF
47
µF
VREF-
MAX154
MAX158
MX7824
MX7828
VIN
GND
VDD
VREF+
AINx(+)
AINx(-)
+5V
0.1
µF
47
µF
VREF-
MAX154
MAX158
MX7824
MX7828
VIN
GND
* Current path must
still exist from
VIN(-) to Ground
VDD
VREF+
AINx(+)
AINx(-)
+5V
2.5V
0.1
µF47µF
VREF-
*
Figure 8a. Internal Reference (MAX154/MAX158 only)
Figure 8b. External Reference +2.5V Full-Scale
Figure 8c. Power Supply as Reference
Figure 8d. Inputs Not Referenced to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com