| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PA4867L-N20-R bảng dữ liệu(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
PA4867L-N20-R bảng dữ liệu(HTML) 5 Page - Unisonic Technologies |
|
5 / 7 page ![]() PA4867 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 5 of 7 www.unisonic.com.tw QW-R502-125.B TYPICAL CHARACTERISTICS THD+N vs. Frequency 20 0.010 1 5 0.1 100 1k 10k 20k Frequency (Hz) VDD=5V, POUT=1W RL=8Ω Bridged Load, No Filters AVD=20 AVD=10 AVD=2 THD+N vs. Frequency 20 0.010 1 5 0.1 100 1k 10k 20k AV=-1 AV=-10 AV=-5 VDD=5V, POUT=150mW RL=16Ω, CO=1000μF Single Ended, No Filters Frequency (Hz) THD+N vs. Output Power 10m 0.010 1 10 0.1 0.1 1 2 Output Power (W) VDD=5V, RL=8Ω Bridged Load AVD=2,BW<80kHz f=1kHz f=20Hz f=20kHz THD+N vs. Output Power 10m 0.010 1 10 0.1 0.1 0.5 f=20kHz f=1kHz f=20Hz VDD=5V, RL=16Ω Single Ended AV= -1, BW<80kHz Output Power (W) 2 2.5 0 2 4 Output Power vs. Supply Voltage 5.5 1.75 1.5 1.25 0.75 0.5 1 f=1kHz RL=8Ω Bridged Load BW<80kHz 1% THD+N 10% THD+N 0.25 3 3.5 4.5 5 Supply Voltage (V) 8 10 0 1.75 40 Output Power vs. Load Resistance 70 1.5 1.25 1 0.75 0.5 1% THD+N 10% THD+N 20 30 50 60 VDD=5V f=1kHz AVD=2 Bridged Load BW<80kHz 0.25 Load Resistance (Ω) |