| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLCC4XRGBCT bảng dữ liệu(PDF) 8 Page - HB Electronic Components |
|
|
|||||||||||||||||||||||||||||
PLCC4XRGBCT bảng dữ liệu(HTML) 8 Page - HB Electronic Components |
|
8 / 10 page ![]() Soldering iron 1. When hand soldering, keep the temperature of the iron under 350℃, and at that temperature keep the time under 3 sec. 2. The hand soldering should be done only one time. 3. The basic spec is ≤ 3sec, when the temperature of 350℃, do not contact and put dress on the resin. 4. The temperature of the iron should be controllable. Rework 1. Customer must finish rework within 3 sec under 350℃. 2. The head of iron cannot touch the resin. 3. Twin-head type is preferred. 4. The temperature of the iron should be controllable. Notes: 1. There is possibility that the brightness of LEDs is decreased, which is influenced by heat or ambient atmosphere during reflow. It is recommended to use the Nitrogen reflow method use the nitrogen reflow method. 2. After LEDs have been soldered, repair should not be done. As repair is Unavoidable , a twin-head soldering iron should be used. It should be confirmed beforehand whether the characteristics of the LEDs will be damaged by repairing or not. 3. Reflow soldering should not be done more than two times. Technical Data Sheet Top View LED Hebei I.T. (Shanghai) Co., Lt Part No: PLCC4XRGBCT d. www.ledz.com Page 8 of 10 |