| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MX636JC/D bảng dữ liệu(PDF) 10 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MX636JC/D bảng dữ liệu(HTML) 10 Page - Maxim Integrated Products |
|
10 / 12 page ![]() Frequency Response The MX536A/MX636 utilizes a logarithmic circuit in per- forming the RMS computation of the input signal. The bandwidth of the RMS converters is proportional to sig- nal level. Figures 11 and 12 represent the frequency response of the converters from 10mV to 7VRMS for the MX536A and 1mV to 1V for the MX636, respectively. The dashed lines indicate the upper frequency limits for 1%, 10%, and ±3dB of reading additional error. Caution must be used when designing RMS measuring systems so that overload does not occur. The input clipping level for the MX636 is ±12V, and for the MX536A it is ±20V. A 7VRMS signal with a crest factor of 3 has a peak input of 21V. Application in a Low-Cost DVM A low-cost digital voltmeter (DVM) using just two inte- grated circuits plus supporting circuitry and LCD dis- play is shown in Figure 13. The MAX130 is a 3 1/2 digit integrating A/D converter with precision bandgap refer- ence. The 10M Ω input attenuator is AC coupled to pin 6 of the MX636 buffer amplifier. The output from the MX636 is connected to the MAX130 to give a direct reading to the LCD display. True RMS-to-DC Converters 10 ______________________________________________________________________________________ 14 13 12 11 10 9 8 1 2 3 4 5 6 7 ABSOLUTE VALUE SQUARER DIVIDER CURRENT MIRROR BUF VIN -VS +VS +VS VRMS OUT CAV IOUT RL COMMON N.C. N.C. N.C. dB N.C. C2 MX536A MX636 Figure 7. MX536A/MX636 with a One-Pole Output Filter 14 13 12 11 10 9 8 1 2 3 4 5 6 7 ABSOLUTE VALUE SQUARER DIVIDER CURRENT MIRROR BUF VIN -VS +VS VRMS OUT CAV C3 C2 RX* * MX536A = 25k Ω MX636 = 10k Ω MX536A MX636 Figure 8. MX536A/MX636 with a Two-Pole Output Filter 0.1 10 1k 10k 1 10 FREQUENCY (Hz) 100 PK-PK RIPPLE RX = 0 PK-PK RIPPLE (ONE POLE) C2 = 4.7 µF PK-PK RIPPLE (TWO POLE) C2 = C3 = 4.7 µF DC ERROR (ALL FILTERS) MX536A 2.2 µF 1 µF 2.2 µF 2.2 µF 1 µF MX636 4.7 µF 1 µF 4.7 µF 4.7 µF 1 µF ONE-POLE FILTER C2 CAV TWO-POLE FILTER C2 C3 CAF Figure 9. Performance Features of Various Filter Types for MX536A/MX636 |