công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MX536ASH bảng dữ liệu(PDF) 12 Page - Maxim Integrated Products

tên linh kiện MX536ASH
Giải thích chi tiết về linh kiện  True RMS-to-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX536ASH bảng dữ liệu(HTML) 12 Page - Maxim Integrated Products

Back Button MX536ASH Datasheet HTML 4Page - Maxim Integrated Products MX536ASH Datasheet HTML 5Page - Maxim Integrated Products MX536ASH Datasheet HTML 6Page - Maxim Integrated Products MX536ASH Datasheet HTML 7Page - Maxim Integrated Products MX536ASH Datasheet HTML 8Page - Maxim Integrated Products MX536ASH Datasheet HTML 9Page - Maxim Integrated Products MX536ASH Datasheet HTML 10Page - Maxim Integrated Products MX536ASH Datasheet HTML 11Page - Maxim Integrated Products MX536ASH Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
*
Maxim reserves the right to ship ceramic packages in lieu of CERDIP packages.
**
Dice are specified at TA = +25°C.
True RMS-to-DC Converters
PART
MX536ASH
-55°C to +125°C
TEMP. RANGE
PIN-PACKAGE
10 TO-100
MX536ASQ*
-55°C to +125°C
14 CERDIP
MX636JC/D
MX636JCWE
MX636JD
0°C to +70°C
0°C to +70°C
0°C to +70°C
Dice**
16 Wide SO
14 Ceramic
MX636JH
0°C to +70°C
10 TO-100
Pin Configurations (continued)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TOP VIEW
MX536A
MX636
SO
+VS
N.C.
N.C.
N.C.
COMMON
RL
IOUT
N.C.
VIN
N.C.
-VS
CAV
dB
BUF OUT
BUF IN
N.C.
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ABSOLUTE
VALUE
SQUARER
DIVIDER
CURRENT
MIRROR
BUF
VIN
R9
500k
0dB SET
R13
500
Ω
LIN
SCALE
dB
SCALE
R15
1M
R14
50k
R12
1k
R11
26k
R10
20k
MAX130
C4
2.2
µF
C3
0.02
µF
6.8
µF
R6
1M
R5
47k
1W
10%
R7
20k
D2
IN4148
D1
IN4148
2V
20V
200V
R1
9M
R2
900k
R3
90k
R4
10k
COM
200mV
C7
6.8
µF
LIN
LIN
dB
LIN
1N4148
dB
dB
D3
D4
D5
C6
0.01
µF
+VDD
+VS
REF HI
COM
REF LO
IN HI
IN LO
31⁄2
DIGIT
LCD
DISPLAY
31⁄2 DIGIT
ADC
V-
V+
9V
BATTERY
MX636
10k
10k
Figure 13. Portable High-Z Input RMS DPM and dB Meter
Typical Operating
________________Circuits (continued)
8
9
10
1
2
3
4
5
6
7
ABSOLUTE
VALUE
SQUARER
DIVIDER
CURRENT
MIRROR
BUF
VIN
+VS
-VS
VOUT
CAV
___________________________________________Ordering Information (continued)
PART
TEMP. RANGE
PIN-PACKAGE
MX636JQ*
MX636KCWE
0°C to +70°C
0°C to +70°C
14 CERDIP
16 Wide SO
MX636KD
MX636KH
0°C to +70°C
0°C to +70°C
14 Ceramic
10 TO-100
MX636KN
0°C to +70°C
14 Plastic DIP
MX636KQ*
0°C to +70°C
14 CERDIP
MX636JN
0°C to +70°C
14 Plastic DIP
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1998 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com