| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35049 bảng dữ liệu(PDF) 5 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35049 bảng dữ liệu(HTML) 5 Page - Mitsubishi Electric Semiconductor |
|
5 / 50 page ![]() MITSUBISHI MICROCOMPUTERS M35049-XXXFP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 5 DAF DAE DAD DAC DAB DAA DA9 DA8 DA7 DA6 DA5 DA4 DA3 DA2 DA1 DA0 1 BB BG BR BLINK B G R C7 C6 C5 C4 C3 C2 C1 C0 1 BB BG BR BLINK B G R C7 C6 C5 C4 C3 C2 C1 C0 1 BB BG BR BLINK B G R C7 C6 C5 C4 C3 C2 C1 C0 1 BB BG BR BLINK B G R C7 C6 C5 C4 C3 C2 C1 C0 1 1 1 SPACE2 SPACE1 SPACE0 TEST30 TEST29 HP8 HP7 HP6 HP5 HP4 HP3 HP2 HP1 HP0 1 TEST3 TEST2 TEST1 TEST0 TEST33 TEST32 VP7 VP6 VP5 VP4 VP3 VP2 VP1 VP0 1 TEST4 DSP11 DSP10 DSP9 DSP8 DSP7 DSP6 DSP5 DSP4 DSP3 DSP2 DSP1 DSP0 1 VSZ1H1 VSZ1H0 VSZ1L1 VSZ1L0 V1SZ1 V1SZ0 LIN9 LIN8 LIN7 LIN6 LIN5 LIN4 LIN3 LIN2 1 VSZ2H1 VSZ2H0 VSZ2L1 VSZ2L0 V18SZ1 V18SZ0 LIN17 LIN16 LIN15 LIN14 LIN13 LIN12 LIN11 LIN10 1 TEST12 HSZ20 TEST11 HSZ10 BETA14 TEST8 TEST7 TEST6 FB FG FR RB RG RR 1 BLINK2 BLINK1 BLINK0 DSPON TEST13 RAMERS SYAD BLK1 BLK0 BCOL 00016 00116 11E16 11F16 12016 12116 12216 12316 12416 12516 12616 12716 12816 Addresses Fig. 2 Memory constitution (page 1 memory) Note: Page 0 and page 1 registers are found in their respective pages. For example, HP8 to HP0 of the page 0 memory sets the horizontal display start posi- tion of page 0, whereas HP8 to HP0 (same register name) of the page 1 memory sets the horizontal display start position of page 1. Also, registers common to both page 0 and page 1 are found only in the page 0 memory. For example, PTC0 is the control register of the P0 pin and is found only in the page 0 memory. Background coloring Blink- ing Character color Character code |