| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRV8701 bảng dữ liệu(PDF) 14 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DRV8701 bảng dữ liệu(HTML) 14 Page - Texas Instruments |
|
14 / 42 page ![]() SH1 SH2 2 1 2 2 Forward drive Slow decay (brake) VM 1 SH1 SH2 2 1 2 2 Reverse drive Slow decay (brake) VM 1 3 3 High-Z (coast) 3 High-Z (coast) 3 DRV8701 SLVSCX5B – MARCH 2015 – REVISED JULY 2015 www.ti.com 7.3 Feature Description 7.3.1 Bridge Control The DRV8701E is controlled using a PH/EN interface. The following logic table (Table 1) gives the full H-bridge state when driving a single brushed DC motor. Note that Table 1 does not take into account the current control built into the DRV8701E. Positive current is defined in the direction of xOUT1 → xOUT2. Table 1. DRV8701E (PH/EN) Control Interface nSLEEP EN PH SH1 SH2 AVDD/DVDD Description 0 X X High-Z High-Z Disabled Sleep mode; H-bridge disabled High-Z 1 0 X L L Enabled Brake, low-side slow decay 1 1 0 L H Enabled Reverse drive (current SH2 → SH1) 1 1 1 H L Enabled Forward drive (current SH1 → SH2) The DRV8701P is controlled using a PWM interface (IN1/IN2). The following logic table (Table 2) gives the full H- bridge state when driving a single brushed DC motor. Note that Table 2 does not take into account the current control built into the DRV8701P. Positive current is defined in the direction of xOUT1 → xOUT2. Table 2. DRV8701P (PWM) Control Interface nSLEEP IN1 IN2 SH1 SH2 AVDD/DVDD Description 0 X X High-Z High-Z Disabled Sleep mode; H-bridge disabled High-Z 1 0 0 High-Z High-Z Enabled Coast; H-bridge disabled High-Z 1 0 1 L H Enabled Reverse (current SH2 → SH1) 1 1 0 H L Enabled Forward (current SH1 → SH2) 1 1 1 L L Enabled Brake; low-side slow decay Figure 19. H-Bridge Operational States 14 Submit Documentation Feedback Copyright © 2015, Texas Instruments Incorporated Product Folder Links: DRV8701 |