công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PVT422PBF bảng dữ liệu(PDF) 2 Page - International Rectifier

tên linh kiện PVT422PBF
Giải thích chi tiết về linh kiện  HEXFET Power MOSFET output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

PVT422PBF bảng dữ liệu(HTML) 2 Page - International Rectifier

  PVT422PBF_15 Datasheet HTML 1Page - International Rectifier PVT422PBF_15 Datasheet HTML 2Page - International Rectifier PVT422PBF_15 Datasheet HTML 3Page - International Rectifier PVT422PBF_15 Datasheet HTML 4Page - International Rectifier PVT422PBF_15 Datasheet HTML 5Page - International Rectifier PVT422PBF_15 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series PVT422PbF
2
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 02, 2015
Electrical Specifications (-40°C
≤ TA ≤ +85°C unless otherwise specified)
INPUT CHARACTERISTICS
Limits
Units
Minimum Control Current
(See figure1)
2.0
mA
Maximum Control Current for Off-State Resistance
@TA=+25°C
0.4
mA
Control Current Range
(Caution: current limit input LED, see figure 5)
2.0 to 25
mA
Maximum Reverse Voltage
6.0
V
Connection Diagram
OUTPUT CHARACTERISTICS
Limits
Units
Operating Voltage Range
0 to ±400
V(DC or AC peak)
Maximum Load Current
@ TA=+40°C
5mA Control (See figure 1) (single and dual channel operation)
120
mA
Maximum Peak Load Current
(10ms maximum duration)
(single and dual channel operation)
350
mA
Maximum On-State Resistance
@TA=+25°C
For 50mA Pulsed load, 5mA Control (see figure3)
35
Ω
Maximum Off-State Leakage
@TA=+25°C, ±320V (see figure 4)
1.0
µA
Maximum Turn-On Time
@TA=+25°C (see figure 6)
2.0
ms
For 50mA, 100 VDC load, 5mA Control
Maximum Turn-Off Time
@TA=+25°C (see figure 6)
2.0
ms
For 50mA, 100 VDC load, 5mA Control
Maximum Output Capacitance
@ 50VDC
12
pF
GENERAL CHARACTERISTICS
Limits
Units
Minimum Dielectric Strength, Input-Output
4000
VRMS
Minimum Dielectric Strength, Pole-to-Pole
1000
VDC
Minimum Insulation Resistance,
Input-Output, @TA=+25°C, 50%RH, 100VDC
1012
Ω
Maximum Capacitance, Input-Output
1.0
pF
Maximum Pin Soldering Temperature
(10 seconds maximum)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
International Rectifier does not recommend the use
of this product in aerospace, avionics, military or life
support applications. Users of this International
Rectifier product in such applications assume all
risks of such use and indemnify International Rec-
tifier against all damages resulting from such use.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com