| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EV6240 bảng dữ liệu(PDF) 21 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
EV6240 bảng dữ liệu(HTML) 21 Page - CML Microcircuits |
|
21 / 47 page ![]() Evaluation Kit for CMX624/CMX644A EV6240 21 © 1999 Consumer Microcircuits Limited UM6240/3 Vn Result Code Format Syntax: ATVn<CR> Modifier Usage n=0 Instructs the modem to display result codes as numbers. n=1 Instructs the modem to display result codes as words (default). Xn Calling Characteristics Determines which set of responses and calling characteristics are used. Syntax: ATXn<CR> Modifier Usage n=0 The modem will ignore dial tones and busy tones. Dial tone wait time is zero, and blind dialling is enabled. The modem returns a CONNECT result code when a connection is established. n=1 The modem will ignore dial tones and busy tones. Dial tone wait time is zero, and blind dialling is enabled. The modem returns a CONNECT xxxx result code when a connection is established, where xxxx is the Tx/Rx line speed (default). n=2 The modem will ignore busy tones, but waits for a dial tone before dialling. If a dial tone is not detected within 5 seconds, a NO DIAL TONE result code is returned. The modem returns a CONNECT xxxx result code when a connection is established, where xxxx is the Tx/Rx line speed. n=3 The modem will ignore dial tones. If a busy tone is detected, a BUSY result code is returned. Blind dialling is enabled. The modem returns a CONNECT xxxx result code when a connection is established, where xxxx is the Tx/Rx line speed. n=4 If a dial tone is not detected within 5 seconds, a NO DIAL TONE result code is returned. If a busy tone is detected, a BUSY result code is returned. The modem returns a CONNECT xxxx result code when a connection is established, where xxxx is the Tx/Rx line speed. Zn Modem Reset Instructs the modem to reset the evaluation device and then reload the factory S- Register settings. Syntax: ATZn<CR> Modifier Usage n=0 Reset CMX6x4 device and restore factory profile 0. n=1 Reset CMX6x4 device and restore factory profile 1. $ AT Command Online Help Displays all AT Commands Syntax: AT$<CR> |