| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMX970 bảng dữ liệu(PDF) 3 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
CMX970 bảng dữ liệu(HTML) 3 Page - CML Microcircuits |
|
3 / 4 page ![]() © 2012 CML Microsystems Plc 3 Product Preview CMX970 IF/RF Quadrature Demodulator Package Mechanical Outline of the 16-pin VQFN (Q7) Order as part no. CMX970Q7 Evaluation Support The EV9700 is an Evaluation Kit designed for evaluating and demonstrating the capabilities of the CMX970 integrated circuit. All the circuits necessary to demonstrate the facilities provided by the IC, such as matching circuits, power supply regulators, etc are provided on the EV9700 board. A C-BUS interface connector is provided for control of the EV9700 by a host microcontroller or CML PE0002 interface card. The CMX970 can also be used in a ‘direct control’ mode, where a host or PE0002 is not required. Alternatively any microcontroller evaluation/emulator kit can be used to drive the CMX970/EV9700 serial bus. |