| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAX7300AGL bảng dữ liệu(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX7300AGL bảng dữ liệu(HTML) 3 Page - Maxim Integrated Products |
|
3 / 22 page ![]() 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander _______________________________________________________________________________________ 3 ELECTRICAL CHARACTERISTICS (continued) (Typical Operating Circuit, V+ = 2.5V to 5.5V, TA = TMIN to TMAX, unless otherwise noted.) (Note 1) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS GPIO outputs, ISOURCE = 2mA, TA = -40°C to +85°C V+ - 0.7 Output High Voltage VOH GPIO outputs, ISOURCE = 1mA, TA = TMIN to TMAX (Note 2) V+ - 0.7 V Port Sink Current IOL VPORT = 0.6V 2 10 18 mA Output Short-Circuit Current IOLSC Port configured output low, shorted to V+ 2.75 11 20 mA Input High-Voltage SDA, SCL, AD0, AD1 VIH 0.7 x V+ V Input Low-Voltage SDA, SCL, AD0, AD1 VIL 0.3 x V+ V Input Leakage Current SDA, SCL IIH, IIL -50 +50 nA Input Capacitance (Note 2) 10 pF Output Low-Voltage SDA VOL ISINK = 6mA 0.4 V TIMING CHARACTERISTICS (Figure 2) (V+ = 2.5V to 5.5V, TA = TMIN to TMAX, unless otherwise noted.) (Note 1) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Serial Clock Frequency fSCL 400 kHz Bus Free Time Between a STOP and a START Condition tBUF 1.3 µs Hold Time (Repeated) START Condition tHD, STA 0.6 µs Repeated START Condition Setup Time tSU, STA 0.6 µs STOP Condition Setup Time tSU, STO 0.6 µs Data Hold Time tHD, DAT (Note 3) 15 900 ns Data Setup Time tSU, DAT 100 ns SCL Clock Low Period tLOW 1.3 µs SCL Clock High Period tHIGH 0.7 µs Rise Time of Both SDA and SCL Signals, Receiving tR (Notes 2, 4) 20 + 0.1Cb 300 ns Fall Time of Both SDA and SCL Signals, Receiving tF (Notes 2, 4) 20 + 0.1Cb 300 ns Fall Time of SDA Transmitting tF,TX (Notes 2, 5) 20 + 0.1Cb 250 ns Pulse Width of Spike Suppressed tSP (Notes 2, 6) 0 50 ns Capacitive Load for Each Bus Line Cb (Note 2) 400 pF |