công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC3100MODR11MAMOBR bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CC3100MODR11MAMOBR
Giải thích chi tiết về linh kiện  CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CC3100MODR11MAMOBR bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button CC3100MODR11MAMOBR Datasheet HTML 17Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 18Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 19Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 20Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 21Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 22Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 23Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 24Page - Texas Instruments CC3100MODR11MAMOBR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
HOST MCU
UART
RTS
CTS
TX
RX
H_IRQ
CC3100 SL
UART
RTS
CTS
TX
RX
H_IRQ
SWAS031-090
X
X
HOST MCU
UART
RTS
CTS
TX
RX
H_IRQ
CC3100 SL
UART
RTS
CTS
TX
RX
H_IRQ
SWAS031-089
X
CC3100MOD
www.ti.com
SWRS161 – DECEMBER 2014
Figure 4-12. 4-Wire UART Configuration
4.11.4.3.3 3-Wire UART Topology
The 3-wire UART topology requires only the following lines (see Figure 4-13):
•
RX
•
TX
•
CTS
Figure 4-13. 3-Wire UART Topology
Using this topology requires one of the following conditions to be met:
•
Host always stays awake or active.
•
Host goes to sleep but the UART module has receiver start-edge detection for auto wakeup and does
not lose data.
•
Host can always receive any amount of data transmitted by the SimpleLink device because there is no
flow control in this direction.
Because there is no full flow control, the host cannot stop the SimpleLink device to send its data; thus, the
following parameters must be carefully considered:
•
Max baud rate
•
RX character interrupt latency and low-level driver jitter buffer
•
Time consumed by the user's application
Copyright © 2014, Texas Instruments Incorporated
Specifications
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com