| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAX682 bảng dữ liệu(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX682 bảng dữ liệu(HTML) 3 Page - Maxim Integrated Products |
|
3 / 12 page ![]() 3.3V-Input to Regulated 5V-Output Charge Pumps _______________________________________________________________________________________ 3 ELECTRICAL CHARACTERISTICS (continued) (VIN = 3V, V SKIP = 0V, CIN = 1µF, CX = 0.47µF, COUT = 2µF, ISHDN = 22µA; IMAX = 250mA for MAX682, IMAX = 100mA for MAX683, IMAX = 50mA for MAX684; TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1) Note 1: Specifications to -40°C are guaranteed by design and not production tested. Note 2: Current into SHDN determines oscillator frequency: REXT (kΩ) = 45000 (VIN - 0.69V) / fOSC (kHz) VIN = 5.5V, V SKIP = 0V or 5.5V VIN = 5.5V CONDITIONS µA -1 1 ISKIP SKIP Input Leakage Current 2.4 VINH, SKIP SKIP Input Voltage High V 0.8 VINL, SKIP SKIP Input Voltage Low UNITS MIN TYP MAX SYMBOL PARAMETER __________________________________________Typical Operating Characteristics (Circuit of Figure 5, VIN = 3.3V, component values from Tables 2 and 3, TA = +25°C, unless otherwise noted.) 0 2 6 MAX682 MAX683 MAX684 4 8 10 2 3 4 5 6 NO-LOAD SUPPLY CURRENT vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) SKIP = HIGH ISHDN = 22µA 5.50 4.00 1 10 100 1000 OUTPUT VOLTAGE vs. LOAD CURRENT (SKIP = LOW) LOAD CURRENT (mA) 4.50 5.00 5.25 4.25 4.75 MAX684 MAX683 MAX682 5.50 4.00 1 10 100 1000 OUTPUT VOLTAGE vs. LOAD CURRENT (SKIP = HIGH) LOAD CURRENT (mA) 4.50 5.00 5.25 4.25 4.75 MAX684 MAX683 MAX682 SKIP = HIGH ISHDN = 22µA 3.50 3.75 4.00 4.25 4.50 4.75 5.00 5.25 5.50 2 3 4 5 6 OUTPUT VOLTAGE vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) SKIP = HIGH SKIP = LOW 10M 10k 0.1 1 10 100 OSCILLATOR FREQUENCY vs. SHUTDOWN PIN INPUT CURRENT SHDN INPUT CURRENT ( µA) 100k 1M 100 0.1 0.1 1 10 100 NO-LOAD SUPPLY CURRENT vs. SHUTDOWN PIN INPUT CURRENT SHDN INPUT CURRENT ( µA) 1 10 MAX683 MAX682 MAX684 SKIP = HIGH |