| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
US3602 bảng dữ liệu(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
US3602 bảng dữ liệu(HTML) 5 Page - Unisonic Technologies |
|
5 / 7 page ![]() US3602 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 5 of 7 www.unisonic.com.tw QW-R502-985.b FUNCTION DESCRIPTION The UTC US3602 is a primary side control offline LED lighting controller. It operates in inductor current DCM mode and can achieve accurate constant current. The UTC US3602 integrates 600V power MOSFET and simplifies the LED lighting system design by eliminating the secondary side feedback components and the opto-coupler. The loop compensation components are also removed while maintaining stability overall operating conditions. Startup control The VCC pin of UTC US3602 is connected to the line input through a resistor. A large value startup resistor can be used to minimize the power loss in application because the start current of UTC US3602 is very low. When the VCC voltage reaches VTH(ON), the internal startup circuit is disabled and the IC turns on. Operating Current The operating current of UTC US3602 is as low as 1mA. Good efficiency and very low standby power can be achieved. Constant Current Operation When the FB voltage is over 1.2V reference voltage and the demagnetization time is lager than 4µS, thus UTC US3602 operates in constant-current (CC) mode. The CC point can be externally adjusted by external current sense resistor RCS. In CC operation, the CC loop control function of UTC US3602 will keep a fixed proportion between secondary inductance demagnetization time (Tdemag) and switching cycle time (Tsw). The fixed proportion is 2 1 = Tsw Tdemag Thus the output current is given by: Ipk × N N × 4 1 = Tsw Tdemag × Ipk × N N × 2 1 = Iout S P S P Figure4. Secondary current waveform Current Sensing and Leading Edge Blanking Cycle-by-cycle current limiting is offered in UTC US3602. The switch current is detected by a sense resistor into the CS pin. When the power switch is turned on, a turn-on spike will occur on this resistor. A 500ns leading-edge blanking is built in to avoid false-termination of the switching pulse so that the external RC filtering is no longer needed. Programmable Line Voltage Compensation UTC US3602 has a built-in line voltage compensation to achieve good line regulation. An offset voltage is generated at CS pin by a sense current from upper resistor at FB pin. The current is inversely proportional to the upper resistor and is proportional to the line voltage. So the line voltage is compensated by this offset voltage at CS pin. It can also be programmed by adjusting the resistance of the divider for various line voltage used. The ratio of line compensation can be calculated by the equation: = V ∆ CS -1.1 ) mV ( R V × 10 × FBH AUX 6 Where, RFBH is the upper resistor of the FB pin. |