| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSRB01G-AG6-R bảng dữ liệu(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UPSRB01G-AG6-R bảng dữ liệu(HTML) 6 Page - Unisonic Technologies |
|
6 / 6 page ![]() UPSRB01 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 6 of 6 www.unisonic.com.tw QW-R103-078.A OPERATION DESCRIPTION (Cont.) Drive BJT The driver is a push pull stage with the supply voltage VDD. It provides the driving current for the external power bipolar transistor. The output signal is current-limited to IOUT(SOURCE). Protection Control Good power supply system reliability is achieved with its comprehensive protection features including output over-voltage protection, VDD over voltage protection, OTP, feedback loop open protection, Cycle-by-cycle current limiting, short circuit protection, leading edge blanking and UVLO, etc. VDD is supplied by transformer auxiliary winding output. The output of UTC UPSRB01 is shutdown when VDD drops below VTH(OFF) and the power converter enters power on start-up sequence thereafter. TYPICAL APPLICATION CIRCUIT UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. |