công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCD3138A64PFCR bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UCD3138A64PFCR
Giải thích chi tiết về linh kiện  UCD3138x Highly-Integrated Digital Controller For Isolated Power
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A64PFCR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  UCD3138A64PFCR Datasheet HTML 1Page - Texas Instruments UCD3138A64PFCR Datasheet HTML 2Page - Texas Instruments UCD3138A64PFCR Datasheet HTML 3Page - Texas Instruments UCD3138A64PFCR Datasheet HTML 4Page - Texas Instruments UCD3138A64PFCR Datasheet HTML 5Page - Texas Instruments UCD3138A64PFCR Datasheet HTML 6Page - Texas Instruments UCD3138A64PFCR Datasheet HTML 7Page - Texas Instruments UCD3138A64PFCR Datasheet HTML 8Page - Texas Instruments UCD3138A64PFCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
UCD3138128, UCD3138A64
SLUSBZ8A – JUNE 2014 – REVISED SEPTEMBER 2014
www.ti.com
5 Product Family Comparison
UCD3138
UCD3138064
UCD3138
UCD3138064
UCD3138064
UCD3138128
UCD3138A64
Feature
RHA/RMH
RMH
RGC
RGC
RGZ
PFC
PFC
80 Pin QFP
80 Pin QFP
40 Pin QFN
40 Pin QFN
64 Pin QFN
64 Pin QFN
48 Pin QFN
Package Offering
(14mm x 14mm)
(14mm x 14mm)
(6mm x 6mm)
(6mm x 6mm)
( 9mm x 9mm)
(9mm x 9mm)
(7mm x 7mm)
(Includes leads)
(Includes leads)
ARM7TDMI-S Core Processor
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
High Resolution DPWM Outputs (250ps
8
8
8
8
8
8
8
Resolution)
Number of High Speed Independent
Feedback Loops (# Regulated Output
3
3
3
3
3
3
3
Voltages
12-bit, 256kps, General Purpose ADC
7
7
14
14
9
15
15
Channels
Digital Comparators at ADC Outputs
4
4
4
4
4
4
4
Flash Memory (Program)
32 kB
64 kB
32 kB
64 kB
64 kB
128 kB
64 kB
Number of Memory 32kB Flash Memory
Only 1 bank of 64
1
2
1
2
2
4
Banks
kB Flash available
Flash Memory (Data)
2 kB
2 kB
2 kB
2 kB
2 kB
2 kB
2 kB
RAM
4 kB
4 kB
4 kB
4 kB
4 kB
8 kB
8 kB
Programmable Fault Inputs
1 + 2(1)
1 + 2(1)
4
2 + 2(1)
1 + 2(1)
4
4
High Speed Analog Comparators with
6
6
7
7
6
7
7
Cycle-by-Cycle Current Limiting
UART (SCI)
1(1)
1(1)
2
2
2
2
2
PMBus/I2C
1
1
1
1
1
1
1
Additional I2C
0
0
0
1(1)
1(1)
1
1
SPI
0
0
0
1(1)
1(1)
1
1
4 (16 bit) and
4 (16 bit) and
4 (16 bit) and
4 (16 bit) and
4 (16 bit) and
4 (16 bit) and
4 (16 bit) and
Timers
1 (24 bit)
1 (24 bit)
1 (24 bit)
1 (24 bit)
1 (24 bit)
2 (24 bit)
2 (24 bit)
Timer PWM Outputs
1(1)
1(1)
2
2
1(1)
4
4
Timer Capture Inputs
2(1)
2(1)
1 + 3(1)
1 + 3(1)
2(1)
2 + 2(1)
2 + 2(1)
Total Digital GPIOs
18
18
30
30
24
43
43
External Interrupts
0
0
1
1
0
1
1
External Crystal Clock Support
no
no
no
no
no
Yes (pins #61, 62)
Yes (pins #61, 62)
Peak Current Mode Control
EADC2 Only
All EADC channels
EADC Only
All EADC channels All EADC Channels All EADC Channels All EADC Channels
(1)
Represents an alternate pin out that is programmable via firmware.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: UCD3138128 UCD3138A64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com