công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSI721 bảng dữ liệu(PDF) 7 Page - Integrated Device Technology

tên linh kiện TSI721
Giải thích chi tiết về linh kiện  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 bảng dữ liệu(HTML) 7 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 3Page - Integrated Device Technology TSI721 Datasheet HTML 4Page - Integrated Device Technology TSI721 Datasheet HTML 5Page - Integrated Device Technology TSI721 Datasheet HTML 6Page - Integrated Device Technology TSI721 Datasheet HTML 7Page - Integrated Device Technology TSI721 Datasheet HTML 8Page - Integrated Device Technology TSI721 Datasheet HTML 9Page - Integrated Device Technology TSI721 Datasheet HTML 10Page - Integrated Device Technology TSI721 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
Tsi721 Datasheet
7
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
About this Document
Topics discussed include the following:
• Overview
• Document Conventions
• Revision History
Overview
The Tsi721 Datasheet provides signal, electrical, and packaging information about the Tsi721. It is intended for hardware
engineers who are designing system interconnect applications with the device.
Document Conventions
This document uses the following conventions.
Non-differential Signal Notation
Non-differential signals are either active-low or active-high. An active-low signal has an active state of logic 0 (or the lower
voltage level), and is denoted by a lowercase “n”. An active-high signal has an active state of logic 1 (or the higher voltage
level), and is not denoted by a special character. The following table illustrates the non-differential signal naming convention.
Differential Signal Notation
Differential signals consist of pairs of complement positive and negative signals that are measured at the same time to
determine a signal’s active or inactive state (they are denoted by “_p” and “_n”, respectively). The following table illustrates the
differential signal naming convention.
State
Single-line signal
Multi-line signal
Active low
NAMEn
NAMEn[3]
Active high
NAME
NAME[3]
State
Single-line signal
Multi-line signal
Inactive
NAME_p = 0
NAME_n = 1
NAME_p[3] = 0
NAME_n[3] = 1
Active
NAME_p = 1
NAME_n = 0
NAME_p[3] is 1
NAME_n[3] is 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com