công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSI350 bảng dữ liệu(PDF) 21 Page - Integrated Device Technology

tên linh kiện TSI350
Giải thích chi tiết về linh kiện  This chapter discusses the following
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI350 bảng dữ liệu(HTML) 21 Page - Integrated Device Technology

Back Button TSI350 Datasheet HTML 17Page - Integrated Device Technology TSI350 Datasheet HTML 18Page - Integrated Device Technology TSI350 Datasheet HTML 19Page - Integrated Device Technology TSI350 Datasheet HTML 20Page - Integrated Device Technology TSI350 Datasheet HTML 21Page - Integrated Device Technology TSI350 Datasheet HTML 22Page - Integrated Device Technology TSI350 Datasheet HTML 23Page - Integrated Device Technology TSI350 Datasheet HTML 24Page - Integrated Device Technology TSI350 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 163 page
background image
1. Functional Overview > Functional Description
21
Tsi350 User Manual
January 10, 2014
Integrated Device Technology
www.idt.com
1.2.1.5
Mux Logic
This module arbitrates the transactions from the Posted Queue and Non-Posted Queue.
1.2.1.6
Configuration Space
The configuration registers help the system software to configure behavior of the bridge. The bridge
has Type 01 configuration header support as per the specification. All of these registers function
exactly as specified in the PCI to PCI Bridge Architecture Specification, Revision 1.2. The
configuration space can be accessed only from primary bus interface. Tsi350 implements device
specific configuration registers to enable software to program the bridge features.
1.2.1.7
Address Decoding Logic
Tsi350 operates in transparent mode. In transparent mode I/O, memory, pre-fetchable memory base and
limit, and optional Base Address Registers 0 and 1 define address ranges for the devices residing on
secondary bus. All other addresses are assumed to reside on the primary bus. Inverse address decoding
determines when to forward a transaction up-stream.
1.2.1.8
Secondary Bus Arbiter
Tsi350 is designed with an internal arbiter that can be enabled through input strap S_CFN_b. The
arbiter provides bus arbitration for nine additional masters. The arbiter can be programmed to
enable/disable and prioritize each request independently through software.
Tsi350 implements 2-level arbitration scheme. The requesters are divided into 2 groups, a high priority
group and a low priority group. Each master can be assigned to either high or low priority group
through the configuration register.
1.2.2
JTAG Controller
Tsi350 provides a JTAG test port that is compliant with IEEE Standard 1149.1, IEEE Standard Test
Access Port and Boundary-Scan Architecture, to facilitate card and board testing using boundary scan
techniques. This function consists of five-signal test port interface with signals TCK, TDI, TDO, TMS,
and TRST.
1.2.3
Hot Swap Interface
Tsi350 is designed with an interface for Hot Swap support. This allows the user to insert or extract the
bridge card without powering down the system. During insertion and extraction process, the bridge
indicates to system software about the Hot Swap event by driving HS_ENUM_b. It also provides a
visual indication to the user through the HS_LED signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com