công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S8209B bảng dữ liệu(PDF) 13 Page - Seiko Instruments Inc

tên linh kiện S8209B
Giải thích chi tiết về linh kiện  A protection circuit with series multi-cell 2 cells or more
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SII [Seiko Instruments Inc]
Trang chủ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8209B bảng dữ liệu(HTML) 13 Page - Seiko Instruments Inc

Back Button S8209B Datasheet HTML 9Page - Seiko Instruments Inc S8209B Datasheet HTML 10Page - Seiko Instruments Inc S8209B Datasheet HTML 11Page - Seiko Instruments Inc S8209B Datasheet HTML 12Page - Seiko Instruments Inc S8209B Datasheet HTML 13Page - Seiko Instruments Inc S8209B Datasheet HTML 14Page - Seiko Instruments Inc S8209B Datasheet HTML 15Page - Seiko Instruments Inc S8209B Datasheet HTML 16Page - Seiko Instruments Inc S8209B Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
CMOS IC Application Note
Rev.1.5_00
S-8209B Series Usage Guidelines
Seiko Instruments Inc.
13
2. 2 Operation
Following is about the operation of protection circuit with S-8209B for series multi-cell shown in Figure 6.
Setting bipolar transistors (QCTLD1, QCTLD2) to the circuit in Figure 6 allows adding the function to transmit the
overdischarge status from the bottom (S-8209B (3)) to the top (S-8209B (1)). By this, even if any IC among the
S-8209B (1) to (3) first goes in the overdischarge status, it is possible to turn on all other cell-balance control FETs
(CBFET) of the S-8209B Series. Thus cell-balance is certainly adjusted.
Following is about the operation in the status to inhibit discharge, when the S-8209B (2) detects overdischarge,
and the S-8209B (1), (3) are in the normal status.
1. The S-8209B (2) goes in the overdischarge status when BAT2 decreases to VDL or less by discharging. The
DO2 pin is set in high impedance.
2. The S-8209B (3) also goes in the overdischarge status via the DO2 pin to the CTLD3 pin.
3. The S-8209B (3) turns on the cell-balance control FET (CBFET3) by the discharge cell-balance function.
4. The S-8209B (3) in the overdischarge status turns off DFET via a transistor (QDO, P1, P2) and inhibits
discharging to a load connected between P
+ and P−.
5. The P
+pin is pulled down by a load connected between P+ and P−.
6. QCTLD1, QCTLD2 are turned off and the CTLD1 pin of the S-8209B (1) is set in high impedance.
7. The S-8209B (1) also goes in the overdischarge status. The cell-balance control FET (CBFET1) turns on by the
discharge cell-balance function.
As mentioned above, even in case that the S-8209B (2) first detects overdischarge by voltage drop in BAT2, the
overdischarge status is transmitted from the S-8209B (3) to S-8209B (1) via QCTLD1, QCTLD2. As a result all (1) to (3)
of the S-8209B go in the overdischarge status so that cell-balance is adjusted by the discharge cell-balance
function, when each BAT is more than VDL. The cell-balance FET which corresponds to each battery turns off by
the voltages of BAT1 to 3 that decreased to VDL or less.
And QCTLD1, QCTLD2 are turned on by connecting a charger between P
+ and P− after inhibit discharging, and the
CTLD1 pin is pulled up to the level of VDD1 pin. In this case, the cell-balance control FET (CBFET1) turns off
although the voltage of BAT1 does not reach VDL or less.
Caution If a battery having the voltage VBL or more, or a battery having the voltage overdischarge release
voltage (VDU) or less is not included among batteries when composing a protection circuit shown in
Figure 6, the cell-balance control FET may turn on immediately after connecting the battery. To turn
off the cell-balance control FET, connect a charger between P
+ and P−.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com