công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S1410 bảng dữ liệu(PDF) 21 Page - Seiko Instruments Inc

tên linh kiện S1410
Giải thích chi tiết về linh kiện  LOW CURRENT CONSUMPTION WATCHDOG TIMER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SII [Seiko Instruments Inc]
Trang chủ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1410 bảng dữ liệu(HTML) 21 Page - Seiko Instruments Inc

Back Button S1410 Datasheet HTML 17Page - Seiko Instruments Inc S1410 Datasheet HTML 18Page - Seiko Instruments Inc S1410 Datasheet HTML 19Page - Seiko Instruments Inc S1410 Datasheet HTML 20Page - Seiko Instruments Inc S1410 Datasheet HTML 21Page - Seiko Instruments Inc S1410 Datasheet HTML 22Page - Seiko Instruments Inc S1410 Datasheet HTML 23Page - Seiko Instruments Inc S1410 Datasheet HTML 24Page - Seiko Instruments Inc S1410 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
LOW CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
Rev.1.0_01
S-1410/1411 Series
Seiko Instruments Inc.
21
Standard Circuits
1. S-1410 Series (Product with W
____
/ T pin)
WDO
VDD
VDD
WEN
WDI
W / T
CPOR*1
CWDT*2
VSS
CPOR
CWDT
Figure 37
2. S-1411 Series (Product without W
____
/ T pin)
WDO
RST
VDD
VDD
WEN
WDI
CPOR*1
CWDT*2
VSS
CPOR
CWDT
Figure 38
*1. Adjustment capacitor for reset output delay time (CPOR) should be connected directly to the CPOR pin and
the VSS pin.
*2. Adjustment capacitor for watchdog output delay time (CWDT) should be connected directly to the CWDT pin
and the VSS pin.
A capacitor of 100 pF to 1
μF can be used for CPOR and CWDT.
Caution
The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29