công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S93C86B bảng dữ liệu(PDF) 13 Page - Seiko Instruments Inc

tên linh kiện S93C86B
Giải thích chi tiết về linh kiện  FOR AUTOMOTIVE 105C OPERATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SII [Seiko Instruments Inc]
Trang chủ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S93C86B bảng dữ liệu(HTML) 13 Page - Seiko Instruments Inc

Back Button S93C86B Datasheet HTML 9Page - Seiko Instruments Inc S93C86B Datasheet HTML 10Page - Seiko Instruments Inc S93C86B Datasheet HTML 11Page - Seiko Instruments Inc S93C86B Datasheet HTML 12Page - Seiko Instruments Inc S93C86B Datasheet HTML 13Page - Seiko Instruments Inc S93C86B Datasheet HTML 14Page - Seiko Instruments Inc S93C86B Datasheet HTML 15Page - Seiko Instruments Inc S93C86B Datasheet HTML 16Page - Seiko Instruments Inc S93C86B Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 3-WIRE SERIAL E
2PROM
Rev.2.1_00
S-93C86B H Series
Seiko Instruments Inc.
13
4.2 Writing data (WRITE)
To write 16-bit data to a specified address, change CS to high and then input the WRITE instruction, address,
and 16-bit data following the start bit. The write operation starts when CS goes low. There is no need to set
the data to 1 before writing. When the clocks more than the specified number have been input, the clock pulse
monitoring circuit cancels the WRITE instruction. For details of the clock pulse monitoring circuit, refer to “
Function to Protect Against Write due to Erroneous Instruction Recognition”.
A9
D15
<1>
1
2
3
4
5
6
7
8
9
10
11
0
1
A8
A7
A6
A5
A4
A3
A2
CS
SK
DI
DO
High-Z
ready
busy
tPR
tSV
tCDS
29
14
D0
High-Z
Verify
Standby
tHZ1
12
13
A1
A0
Figure 6 Data Write Timing
4.3 Erasing data (ERASE)
To erase 16-bit data at a specified address, set all 16 bits of the data to 1, change CS to high, and then input the
ERASE instruction and address following the start bit. There is no need to input data. The data erase
operation starts when CS goes low. When the clocks more than the specified number have been input, the
clock pulse monitoring circuit cancels the ERASE instruction. For details of the clock pulse monitoring circuit,
refer to “ Function to Protect Against Write due to Erroneous Instruction Recognition”.
SK
DI
<1>
A8
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
CS
DO
High-Z
1
1
ready
tCDS
tSV
High-Z
tHZ1
tPR
A1
A0
12
13
busy
Verify
Standby
A3
A2
10
11
A9
Figure 7 Data Erase Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com