| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S58LM20A bảng dữ liệu(PDF) 13 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S58LM20A bảng dữ liệu(HTML) 13 Page - Seiko Instruments Inc |
|
13 / 28 page ![]() CMOS TEMPERATURE SENSOR IC Rev.3.1_00 S-58LM20A Series Seiko Instruments Inc. 13 In this IC, it is necessary to add a capacitor from an output pin to GND with a series resistor in the ambience having excessive noise, as seen in Figure 12 and Figure 13. In the combination shown in Table 7, a time constant against heat of this IC is much later than the time constant composed of RC, therefore it does not affect on the response time of this IC. Table 7 RL2 ( Ω) CL2 ( μF) 200 1 470 0.1 680 0.01 1 k 0.001 VDD VOUT VOUT VSS CL2 RL2 CIN S-58LM20A Series Figure 12 VDD VOUT VSS CL2 RL2 CIN VOUT S-58LM20A Series Figure 13 Caution The above connection diagram and constant will not guarantee successful operation. Perform thorough evaluation using the actual application to set the constant. |