công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX5864E/D bảng dữ liệu(PDF) 13 Page - Maxim Integrated Products

tên linh kiện MAX5864E/D
Giải thích chi tiết về linh kiện  Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5864E/D bảng dữ liệu(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5864E/D Datasheet HTML 9Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 10Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 11Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 12Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 13Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 14Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 15Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 16Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Detailed Description
The MAX5864 integrates dual 8-bit receive ADCs and
dual 10-bit transmit DACs while providing ultra-low
power and highest dynamic performance at a conver-
sion rate of 22Msps. The ADCs’ analog input amplifiers
are fully differential and accept 1VP-P full-scale signals.
The DACs’ analog outputs are fully differential with
±400mV full-scale output range at 1.4V common mode.
The MAX5864 includes a 3-wire serial interface to con-
trol operating modes and power management. The ser-
ial interface is SPI™ and MICROWIRE™ compatible.
The MAX5864 serial interface selects shutdown, idle,
standby, transmit, receive, and transceiver modes.
The MAX5864 can operate in FDD or TDD applications
by configuring the device for transmit, receive, or trans-
ceiver modes through a 3-wire serial interface. In TDD
mode, the digital bus for receive ADC and transmit
DAC can be shared to reduce the digital I/O to a single
10-bit parallel multiplexed bus. In FDD mode, the
MAX5864 digital I/O can be configured for an 18-bit,
parallel multiplexed bus to match the dual 8-bit ADC
and dual 10-bit DAC.
The MAX5864 features an internal precision 1.024V
bandgap reference is stable over the entire power-supply
and temperature ranges.
Ultra-Low-Power, High Dynamic-
Performance, 22Msps Analog Front End
______________________________________________________________________________________
13
SPI is a trademark of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp.
Figure 1. MAX5864 ADC Internal T/H Circuits
S3b
S3a
COM
S5b
S5a
QA+
QA-
S1
OUT
OUT
C2a
C2b
S4c
S4a
S4b
C1b
C1a
INTERNAL
BIAS
INTERNAL
BIAS
COM
HOLD
HOLD
CLK
INTERNAL
NONOVERLAPPING
CLOCK SIGNALS
TRACK
TRACK
S2a
S2b
S3b
S3a
COM
S5b
S5a
IA+
IA-
S1
OUT
OUT
C2a
C2b
S4c
S4a
S4b
C1b
C1a
INTERNAL
BIAS
INTERNAL
BIAS
COM
S2a
S2b
MAX5864



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com