công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX5151BC/D bảng dữ liệu(PDF) 16 Page - Maxim Integrated Products

tên linh kiện MAX5151BC/D
Giải thích chi tiết về linh kiện  Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5151BC/D bảng dữ liệu(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5151BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 12Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 13Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 14Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 15Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1997 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Serial Interface
___________________Chip Information
TRANSISTOR COUNT: 3053
SUBSTRATE CONNECTED TO AGND
INL
(LSB)
PIN-PACKAGE
TEMP. RANGE
PART
±2
±2
±1
±2
±1
±1
±2
±1
±2
±1
±1
±1
±1/2
±1
±1/2
16 CERDIP**
-55°C to +125°C
MAX5151BMJE
16 QSOP
-40°C to +85°C
MAX5151BEEE
16 QSOP
-40°C to +85°C
MAX5151AEEE
16 Plastic DIP
-40°C to +85°C
MAX5151BEPE
16 Plastic DIP
-40°C to +85°C
MAX5151AEPE
Dice*
0°C to +70°C
MAX5151BC/D
16 QSOP
0°C to +70°C
MAX5151BCEE
16 QSOP
0°C to +70°C
MAX5151ACEE
16 Plastic DIP
0°C to +70°C
MAX5151BCPE
16 Plastic DIP
0°C to +70°C
MAX5151ACPE
16 CERDIP**
-55°C to +125°C
MAX5150BMJE
16 QSOP
-40°C to +85°C
MAX5150BEEE
16 QSOP
-40°C to +85°C
MAX5150AEEE
16 Plastic DIP
-40°C to +85°C
MAX5150BEPE
16 Plastic DIP
-40°C to +85°C
MAX5150AEPE
_Ordering Information (continued)
*
Dice are tested at TA = +25°C, DC parameters only.
**
Contact factory for availability.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AGND
VDD
OUTB
OSB
REFB
PDL
UPO
DOUT
DGND
TOP VIEW
MAX5150
MAX5151
DIP/QSOP
OUTA
OSA
CS
REFA
CL
DIN
SCLK
__________________Pin Configuration
________________________________________________________Package Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16